Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7765
Description  24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7765 Datasheet HTML 24Page - Analog Devices AD7765 Datasheet HTML 25Page - Analog Devices AD7765 Datasheet HTML 26Page - Analog Devices AD7765 Datasheet HTML 27Page - Analog Devices AD7765 Datasheet HTML 28Page - Analog Devices AD7765 Datasheet HTML 29Page - Analog Devices AD7765 Datasheet HTML 30Page - Analog Devices AD7765 Datasheet HTML 31Page - Analog Devices AD7765 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD7765
Rev. 0 | Page 28 of 32
GAIN REGISTER—ADDRESS 0x0004
Non-Bit-Mapped, Default Value 0xA000
The gain register is scaled such that 0x8000 corresponds to a
gain of 1.0. The default value of this register is 1.25 (0xA000).
This results in a full-scale digital output when the input is at
80% of VREF, tying in with the maximum analog input range of
±80% of VREF p-p.
OVERRANGE REGISTER—ADDRESS 0x0005
Non-Bit-Mapped, Default Value 0xCCCC
The overrange register value is compared with the output of the
first decimation filter to obtain an overload indication with
minimum propagation delay. This is prior to any gain scaling or
offset adjustment. The default value is 0xCCCC, which corre-
sponds to 80% of VREF (the maximum permitted analog input
voltage). Assuming VREF = 4.096 V, the bit is then set when the
input voltage exceeds approximately 6.55 V p-p differential. The
overrange bit is set immediately if the analog input voltage
exceeds 100% of VREF for more than four consecutive samples at
the modulator rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com