Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7765
Description  24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7765 Datasheet HTML 13Page - Analog Devices AD7765 Datasheet HTML 14Page - Analog Devices AD7765 Datasheet HTML 15Page - Analog Devices AD7765 Datasheet HTML 16Page - Analog Devices AD7765 Datasheet HTML 17Page - Analog Devices AD7765 Datasheet HTML 18Page - Analog Devices AD7765 Datasheet HTML 19Page - Analog Devices AD7765 Datasheet HTML 20Page - Analog Devices AD7765 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD7765
Rev. 0 | Page 17 of 32
The common-mode input at each of the differential amplifier
inputs (Pin VINA and Pin VINA−) can range from−0.5 V dc to
2.2 V dc. The amplifier has a constant output common-mode
voltage of 2.048 V, that is, VREF/2, the requisite common-mode
voltage for the modulator input pins (VIN+ and VIN−).
ON-CHIP DIFFERENTIAL AMPLIFIER
The AD7765 contains an on-board differential amplifier that
is recommended to drive the modulator input pins. Pin 1, Pin 2,
Pin 3, and Pin 4 on the AD7765 are the differential input and
output pins of the amplifier. The external components, RIN, RFB,
CFB, CS, and RM, are placed around Pin 1 through Pin 6 to create
the recommended configuration. To achieve the specified
performance, the differential amplifier should be configured as
a first-order antialias filter, as shown in
Figure 29 shows the signal conditioning that occurs using the
differential amplifier configuration detailed in Table 7 with a
±2.5 V input signal to the differential amplifier. The amplifier
in this example is biased around ground and is scaled to give
±3.168 V p-p (−0.5 dBFS) on each modulator input with a
2.048 V common mode.
Figure 28 using the
component values listed in Table 7. The inputs to the
differential amplifier are then routed through this external
component network before being applied to the modulator
inputs VIN− and VIN+(Pin 5 and Pin 6). Using the optimal
values in the table as an example yields a 25 dB attenuation at
the first alias point of 19.84 MHz.
0V
+2.5V
–2.5V
0V
+2.5V
–2.5V
A
B
+3.632V
+2.048V
+0.464V
+3.632V
+2.048V
+0.464V
VIN+
VIN–
DIFF
AMP
RIN
RFB
CFB
RIN
RM
RM
CS
CM
RFB
CFB
VIN–
A
B
VIN+
1
3
2
4
5
6
VINA–
VINA+
VOUTA+
VOUTA–
Figure 29. Differential Amplifier Signal Conditioning
To obtain maximum performance from the AD7765, it is advisable
to drive the ADC with differential signals.
Figure 28. Differential Amplifier Configuration
Figure 30 shows how a
bipolar, single-ended signal biased around ground can drive the
AD7765 with the use of an external op amp, such as the AD8021.
Table 7. On-Chip Differential Filter Component Values
RIN
(kΩ)
RFB
(kΩ)
RM
(Ω)
CS
(pF)
CFB
(pF)
CM
(pF)
DIFF
AMP
RIN
RFB
CFB
RIN
RM
RM
CS
RFB
CFB
VIN–
VIN
VIN+
AD8021
2R
2R
R
CM
Optimal
4.75
3.01
43
8.2
47
33
Tolerance
Range1
2.37 to
5.76
2.4 to
4.87
36 to
47
0 to 10
20 to
100
39 to
56
1 Values shown were the acceptable tolerances for each component when
altered relative to the optimal values used to achieve the stated
specifications of the device.
The range of values that can be used for each of the listed
components in the differential amplifier configuration is also
listed in Table 7. When using the differential amplifier to gain
the input voltages to the required modulator input range, it is
advisable to implement the gain function by changing RIN,
leaving the RFB as the listed optimal value.
Figure 30. Single-Ended-to-Differential Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com