Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7765
Description  24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7765 Datasheet HTML 18Page - Analog Devices AD7765 Datasheet HTML 19Page - Analog Devices AD7765 Datasheet HTML 20Page - Analog Devices AD7765 Datasheet HTML 21Page - Analog Devices AD7765 Datasheet HTML 22Page - Analog Devices AD7765 Datasheet HTML 23Page - Analog Devices AD7765 Datasheet HTML 24Page - Analog Devices AD7765 Datasheet HTML 25Page - Analog Devices AD7765 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD7765
Rev. 0 | Page 22 of 32
DAISY CHAINING
Daisy chaining devices allows numerous devices to use the
same digital interface lines. This feature is especially useful for
reducing component count and wiring connections, such as
in isolated multiconverter applications or for systems with a
limited interfacing capacity. Data readback is analogous to
clocking a shift register.
The block diagram in Figure 34 shows how to connect devices
to achieve daisy-chain functionality. Figure 34 shows four
AD7765 devices daisy-chained together with a common
MCLK signal applied.
READING DATA IN DAISY-CHAIN MODE
Referring to Figure 34, note that the SDO line of AD7765 (A)
provides the output data from the chain of AD7765 converters.
Also, note that for the last device in the chain, AD7765 (D), the
SDI pin is connected to ground. All of the devices in the chain
must use common MCLK and SYNC signals.
To enable the daisy-chain conversion process, apply a common
SYNC pulse to all devices (see the Synchronization section).
After applying a SYNC pulse to all devices, the filter settling
time must pass before the FILTER-SETTLE bit is asserted
indicating valid conversion data at the output of the chain of
devices. As shown in Figure 35, the first conversion result is
output from the device labeled AD7765 (A). This 32-bit
conversion result is then followed by the conversion results
from the devices AD7765 (B), AD7765 (C), and AD7765 (D),
respectively with all conversion results output in an MSB first
sequence. The signals output from the daisy chain are the
stream of conversion results from the SDO pin of AD7765 (A)
and the FSO signal output by the first device in the chain,
AD7765 (A).
The falling edge of FSO signals the MSB of the first conversion
output in the chain. FSO stays logic low throughout the 32 SCO
clock periods needed to output the AD7765 (A) result and then
goes logic high during the output of the conversion results from
the devices AD7765 (B), AD7765 (C), and AD7765 (D).
The maximum number of devices that can be daisy-chained is
dependent on the decimation rate selected. Calculate the
maximum number of devices that can be daisy chained by
simply dividing the chosen decimation rate by 32 (the number
of bits that must be clocked out for each conversion). Table 12
provides the maximum number of chained devices for each
decimation rate.
Table 12. Maximum Chain Length for all Decimation Rates
Decimation Rate
Maximum Chain Length
256×
8
128×
4
SYNC
SDI
FSI
SDO
MCLK
AD7765
(D)
FSI
SYNC
MCLK
SYNC
SDI
FSI
SDO
MCLK
AD7765
(C)
SYNC
SDI
FSI
SDO
MCLK
AD7765
(B)
SYNC
SDI
FSI
MCLK
AD7765
(A)
SDO
FSO
Figure 34. Daisy-Chaining Four Devices in Decimate 128× Mode Using a 40 MHz MCLK Signal
SCO
FSO (A)
32 ×
tSCO
32 ×
tSCO
32 ×
tSCO
32 ×
tSCO
SDO (A)
AD7765 (A)
32-BIT OUTPUT
AD7765 (B)
32-BIT OUTPUT
AD7765 (C)
32-BIT OUTPUT
AD7765 (D)
32-BIT OUTPUT
AD7765 (A)
32-BIT OUTPUT
AD7765 (B)
32-BIT OUTPUT
SDI (A) = SDO (B)
AD7765 (B)
AD7765 (C)
AD7765 (D)
AD7765 (B)
AD7765 (C)
SDI (B) = SDO (C)
AD7765 (C)
AD7765 (D)
AD7765 (C)
AD7765 (D)
SDI (C) = SDO (D)
AD7765 (D)
AD7765 (D)
Figure 35. Daisy-Chain Mode, Data Read Timing Diagram
(for Daisy-Chain Configuration Shown in Figure 34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com