Electronic Components Datasheet Search
  English  ▼

X  

TLV9151 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9151
Description  TLV915x-Q1 4.5MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9151 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV9151 Datasheet HTML 16Page - Texas Instruments TLV9151 Datasheet HTML 17Page - Texas Instruments TLV9151 Datasheet HTML 18Page - Texas Instruments TLV9151 Datasheet HTML 19Page - Texas Instruments TLV9151 Datasheet HTML 20Page - Texas Instruments TLV9151 Datasheet HTML 21Page - Texas Instruments TLV9151 Datasheet HTML 22Page - Texas Instruments TLV9151 Datasheet HTML 23Page - Texas Instruments TLV9151 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
6.3.2 Thermal Protection
The internal power dissipation of any amplifier causes its internal (junction) temperature to rise. This
phenomenon is called self heating. The absolute maximum junction temperature of the TLV915x-Q1 is 150°C.
Exceeding this temperature causes damage to the device. The TLV915x-Q1 has a thermal protection feature
that reduces damage from self heating. The protection works by monitoring the temperature of the device and
turning off the op amp output drive for temperatures above 170°C. Figure 6-2 shows an application example for
the TLV9151-Q1 that has significant self heating because of its power dissipation (0.81 W). Thermal calculations
indicate that for an ambient temperature of 65°C, the device junction temperature will reach 177°C. The actual
device, however, turns off the output drive to recover towards a safe junction temperature. Figure 6-2 shows how
the circuit behaves during thermal protection. During normal operation, the device acts as a buffer so the output
is 3 V. When self heating causes the device junction temperature to increase above the internal limit, the thermal
protection forces the output to a high-impedance state and the output is pulled to ground through resistor RL.
If the condition that caused excessive power dissipation is not removed, the amplifier will oscillate between a
shutdown and enabled state until the output fault is corrected.
140ºC
3 V
0 V
150°C
16 V
RL
100
VIN
3 V
+
3 V
–
I
OUT = 30 mA
TLV9151
TA = 100°C
PD = 0.39W
JA = 138.7°C/W
TJ = 138.7°C/W × 0.39W + 100°C
TJ = 154.1°C (expected)
+
–
Normal
Operation
Output
High-Z
Figure 6-2. Thermal Protection
6.3.3 Capacitive Load and Stability
The TLV915x-Q1 features a resistive output stage capable of driving moderate capacitive loads, and by
leveraging an isolation resistor, the device can easily be configured to drive large capacitive loads. Increasing
the gain enhances the ability of the amplifier to drive greater capacitive loads; see Figure 6-3 and Figure 6-4.
The particular op amp circuit configuration, layout, gain, and output loading are some of the factors to consider
when establishing whether an amplifier will be stable in operation.
Cap Load (pF)
0
40
80
120
160
200
240
280
320
360
5
10
15
20
25
30
35
40
45
50
55
C008
RISO = 0 :, Positive Overshoot
RISO = 0 :, Negative Overshoot
RISO = 50 :, Positive Overshoot
RISO = 50 :, Negative Overshoot
Figure 6-3. Small-Signal Overshoot vs Capacitive
Load (10-mV Output Step, G = 1)
Cap Load (pF)
0
40
80
120
160
200
240
280
320
360
3
6
9
12
15
18
21
24
27
30
33
C007
RISO = 0 :, Positive Overshoot
RISO = 0 :, Negative Overshoot
RISO = 50 :, Positive Overshoot
RISO = 50 :, Negative Overshoot
Figure 6-4. Small-Signal Overshoot vs Capacitive
Load (10-mV Output Step, G = –1)
TLV9151-Q1, TLV9152-Q1, TLV9154-Q1
SBOSA23G – MAY 2020 – REVISED MARCH 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9151-Q1 TLV9152-Q1 TLV9154-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com