Electronic Components Datasheet Search
  English  ▼

X  

TLV9151 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9151
Description  TLV915x-Q1 4.5MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9151 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9151 Datasheet HTML 17Page - Texas Instruments TLV9151 Datasheet HTML 18Page - Texas Instruments TLV9151 Datasheet HTML 19Page - Texas Instruments TLV9151 Datasheet HTML 20Page - Texas Instruments TLV9151 Datasheet HTML 21Page - Texas Instruments TLV9151 Datasheet HTML 22Page - Texas Instruments TLV9151 Datasheet HTML 23Page - Texas Instruments TLV9151 Datasheet HTML 24Page - Texas Instruments TLV9151 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
For additional drive capability in unity-gain configurations, improve capacitive load drive by inserting a small
resistor, RISO, in series with the output, as shown in Figure 6-5. This resistor significantly reduces ringing
and maintains DC performance for purely capacitive loads. However, if a resistive load is in parallel with the
capacitive load, then a voltage divider is created, thus introducing a gain error at the output and slightly reducing
the output swing. The error introduced is proportional to the ratio RISO / RL, and is generally negligible at low
output levels. The high capacitive load drive of the TLV915x-Q1 is designed for applications such as reference
buffers, MOSFET gate drives, and cable-shield drives. The circuit shown in Figure 6-5 uses an isolation resistor,
RISO, to stabilize the output of an op amp. RISO modifies the open-loop gain of the system for increased phase
margin.
C
load
+
±
V
in
V
out
+V
s
R
iso
-V
s
Figure 6-5. Extending Capacitive Load Drive With the TLV9151-Q1
6.3.4 Common-Mode Voltage Range
The TLV915x-Q1 is a 16-V, rail-to-rail input operational amplifier with an input common-mode range that extends
200 mV beyond either supply rail. This wide range is achieved with paralleled complementary N-channel and
P-channel differential input pairs, as shown in Figure 6-6. The N-channel pair is active for input voltages close to
the positive rail, typically (V+) – 1 V to 100 mV above the positive supply. The P-channel pair is active for inputs
from 100 mV below the negative supply to approximately (V+) – 2 V. There is a small transition region, typically
(V+) – 2 V to (V+) – 1 V in which both input pairs are on. This transition region can vary modestly with process
variation, and within this region PSRR, CMRR, offset voltage, offset drift, noise, and THD performance may be
degraded compared to operation outside this region.
Figure 5-5 shows this transition region for a typical device in terms of input voltage offset in more detail.
For more information on common-mode voltage range and PMOS/NMOS pair interaction, see Op Amps With
Complementary-Pair Input Stages application note.
NMOS
PMOS
PMOS
NMOS
V-
V+
IN+
IN-
Figure 6-6. Rail-to-Rail Input Stage
www.ti.com
TLV9151-Q1, TLV9152-Q1, TLV9154-Q1
SBOSA23G – MAY 2020 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9151-Q1 TLV9152-Q1 TLV9154-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com