Electronic Components Datasheet Search
  English  ▼

X  

TLV9151 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9151
Description  TLV915x-Q1 4.5MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9151 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV9151 Datasheet HTML 21Page - Texas Instruments TLV9151 Datasheet HTML 22Page - Texas Instruments TLV9151 Datasheet HTML 23Page - Texas Instruments TLV9151 Datasheet HTML 24Page - Texas Instruments TLV9151 Datasheet HTML 25Page - Texas Instruments TLV9151 Datasheet HTML 26Page - Texas Instruments TLV9151 Datasheet HTML 27Page - Texas Instruments TLV9151 Datasheet HTML 28Page - Texas Instruments TLV9151 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
This chart can be used to calculate approximate probability of a specification in a unit; for example, for TLV915x-
Q1, the typical input voltage offset is 125 µV, so 68.2% of all TLV915x-Q1 devices are expected to have an offset
from –125 µV to 125 µV. At 4 σ (±500 µV), 99.9937% of the distribution has an offset voltage less than ±500 µV,
which means 0.0063% of the population is outside of these limits, which corresponds to about 1 in 15,873 units.
Specifications with a value in the minimum or maximum column are assured by TI, and units outside these limits
will be removed from production material. For example, the TLV915x-Q1 family has a maximum offset voltage
of 675 µV at 25°C, and even though this corresponds to about 5 σ (≈1 in 1.7 million units), which is extremely
unlikely, TI assures that any unit with larger offset than 895 µV will be removed from production material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guardband for the application, and design worst-case conditions using this value. For example, the
6-σ value corresponds to about 1 in 500 million units, which is an extremely unlikely chance, and could be an
option as a wide guardband to design a system around. In this case, the TLV915x-Q1 family does not have
a maximum or minimum for offset voltage drift, but based on Figure 5-2 and the typical value of 0.3 µV/°C in
Section 5.7, it can be calculated that the 6-σ value for offset voltage drift is about 1.8 µV/°C. When designing for
worst-case system conditions, this value can be used to estimate the worst possible offset across temperature
without having an actual minimum or maximum value.
However, process variation and adjustments over time can shift typical means and standard deviations, and
unless there is a value in the minimum or maximum specification column, TI cannot assure the performance of a
device. This information should be used only to estimate the performance of a device.
6.3.9 Shutdown
The TLV915xS-Q1 devices feature one or more shutdown pins (SHDN) that disable the op amp, placing the
amplifier into a low-power standby mode. In this mode, the op amp typically consumes about 30 µA. The SHDN
pins are active high, meaning that shutdown mode is enabled when the input to the SHDN pin is a valid logic
high.
The SHDN pins are referenced to the negative supply rail of the op amp. The threshold of the shutdown feature
lies around 800 mV (typical) and does not change with respect to the supply voltage. Hysteresis has been
included in the switching threshold to provide smooth switching characteristics. For proper shutdown behavior,
the SHDN pins must be driven with valid logic signals. A valid logic low is defined as a voltage between V– and
V– + 0.2 V. A valid logic high is defined as a voltage between V– + 1.1 V and V+. The shutdown pin circuitry
includes a pulldown resistor, which inherently pulls the voltage of the pin to the negative supply rail if not driven.
Thus, to enable the amplifier, the SHDN pins must either be left floating or driven to a valid logic low. To disable
the amplifier, the SHDN pins must be driven to a valid logic high. The maximum voltage allowed at the SHDN
pins is V+. Exceeding this voltage level can damage the device.
The SHDN pins are high-impedance CMOS inputs. Channels of single and dual op amp packages are
independently controlled, and channels of quad op amp packages are controlled in pairs. For battery-operated
applications, this feature can be used to greatly reduce the average current and extend battery life. The
typical enable time out of shutdown is 8 µs; disable time is 3 µs. When disabled, the output assumes a high-
impedance state. This architecture allows the TLV915xS-Q1 family to operate as a gated amplifier, multiplexer,
or programmable-gain amplifier. Shutdown time (tOFF) depends on loading conditions and increases as load
resistance increases. To keep shutdown (disable) within a specific shutdown time, the specified 10-kΩ load to
midsupply (VS / 2) is required. If using the TLV915xS-Q1 without a load, the resulting turnoff time significantly
increases.
6.4 Device Functional Modes
The TLV915x-Q1 has a single functional mode and is operational when the power-supply voltage is greater than
2.7 V (±1.35 V). The maximum power supply voltage for the TLV915x-Q1 is 16 V (±8 V).
The TLV915xS-Q1 devices feature a shutdown pin, which can be used to place the op amp into a low-power
mode. See Section 6.3.9 for more information.
www.ti.com
TLV9151-Q1, TLV9152-Q1, TLV9154-Q1
SBOSA23G – MAY 2020 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TLV9151-Q1 TLV9152-Q1 TLV9154-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com