Electronic Components Datasheet Search
  English  ▼

X  

TLV9151 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9151
Description  TLV915x-Q1 4.5MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9151 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV9151 Datasheet HTML 6Page - Texas Instruments TLV9151 Datasheet HTML 7Page - Texas Instruments TLV9151 Datasheet HTML 8Page - Texas Instruments TLV9151 Datasheet HTML 9Page - Texas Instruments TLV9151 Datasheet HTML 10Page - Texas Instruments TLV9151 Datasheet HTML 11Page - Texas Instruments TLV9151 Datasheet HTML 12Page - Texas Instruments TLV9151 Datasheet HTML 13Page - Texas Instruments TLV9151 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
5.7 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 2.7 V to 16 V (±1.35 V to ±8 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and
VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SHDN pin input bias
current (per pin)
VS = 2.7 V to 16 V, (V+) ≥ SHDN ≥ (V–) + 0.9 V
500
nA
VS = 2.7 V to 16 V, (V–) ≤ SHDN ≤ (V–) + 0.7 V
150
(1)
Third-order filter; bandwidth = 80 kHz at –3 dB.
(2)
Disable time (tOFF) and enable time (tON) are defined as the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
(3)
Full shutdown refers to the dual TLVxx2S having both channels 1 and 2 disabled (SHDN1 = SHDN2 = V–) and the quad TLV9xx4S
having all channels 1 to 4 disabled (SHDN12 = SHDN34 = V–). For partial shutdown, only one SHDN pin is exercised; in this mode,
the internal biasing circuitry remains operational and the enable time is shorter.
(4)
Specified by characterization only.
TLV9151-Q1, TLV9152-Q1, TLV9154-Q1
SBOSA23G – MAY 2020 – REVISED MARCH 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9151-Q1 TLV9152-Q1 TLV9154-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com