Electronic Components Datasheet Search
  English  ▼

X  

TLV9151 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9151
Description  TLV915x-Q1 4.5MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9151 Datasheet(HTML) 1 Page - Texas Instruments

  TLV9151 Datasheet HTML 1Page - Texas Instruments TLV9151 Datasheet HTML 2Page - Texas Instruments TLV9151 Datasheet HTML 3Page - Texas Instruments TLV9151 Datasheet HTML 4Page - Texas Instruments TLV9151 Datasheet HTML 5Page - Texas Instruments TLV9151 Datasheet HTML 6Page - Texas Instruments TLV9151 Datasheet HTML 7Page - Texas Instruments TLV9151 Datasheet HTML 8Page - Texas Instruments TLV9151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
TLV915x-Q1 4.5MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise
Automotive Op Amp
1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C, TA
– Device HBM ESD classification level 3A
– Device CDM ESD classification level C6
• Low offset voltage: ±125µV
• Low offset voltage drift: ±0.3µV/°C
• Low noise: 10.8nV/√Hz at 1kHz
• High common-mode rejection: 120dB
• Low bias current: ±10pA
• Rail-to-rail input and output
• Wide bandwidth: 4.5MHz GBW
• High slew rate: 21V/µs
• Low quiescent current: 560µA per amplifier
• Wide supply: ±1.35V to ±8V, 2.7V to 16V
• Robust EMIRR performance: EMI/RFI filters on
input pins
2 Applications
• Optimized for AEC-Q100 grade 1 applications
• Infotainment and cluster
• Passive safety
• Body electronics and lighting
• HEV/EV inverter and motor control
• On-board (OBC) and wireless charger
• Powertrain current sensor
• Advanced driver assistance systems (ADAS)
• High-side and low-side current sensing
3 Description
The TLV915x-Q1 family (TLV9151-Q1, TLV9152-Q1,
and TLV9154-Q1) is a family of 16V, general
purpose automotive operational amplifiers. These
devices offer exceptional DC precision and AC
performance, including rail-to-rail output, low offset
(±125µV, typical), low offset drift (±0.3µV/°C, typical),
and 4.5MHz bandwidth.
Convenient features such as wide differential input-
voltage range, high output current (±75mA), high slew
rate (21V/µs), and low noise (10.8nV/√Hz) make the
TLV915x-Q1 a robust, low-noise operational amplifier
for automotive applications.
The TLV915x-Q1 family of op amps is available in
standard packages and is specified from –40°C to
125°C.
Device Information
PART NUMBER
CHANNEL COUNT
PACKAGE(1)
PACKAGE SIZE(2)
TLV9151-Q1
Single
DBV (SOT-23, 5)
2.9mm × 2.8mm
DCK (SC70, 5)
2mm x 2.1mm
Single, shutdown
DBV (SOT-23, 6)
2.9mm × 2.8mm
TLV9152-Q1
Dual
D (SOIC, 8)
4.9mm × 6mm
PW (TSSOP, 8)
3mm × 6.4mm
DGK (VSSOP, 8)
3mm × 4.9mm
TLV9154-Q1
Quad
D (SOIC, 14)
8.65mm × 6mm
DYY (SOT-23, 14)
4.2mm × 3.26mm
PW (TSSOP, 14)
5mm × 6.4mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
TLV915x-Q1 in a Single-Pole, Low-Pass Filter
TLV9151-Q1, TLV9152-Q1, TLV9154-Q1
SBOSA23G – MAY 2020 – REVISED MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV9151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9151 TI1-TLV9151 Datasheet
1Mb / 37P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI1-TLV9151 Datasheet
3Mb / 52P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI1-TLV9151 Datasheet
3Mb / 52P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151 Datasheet
4Mb / 61P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151 Datasheet
4Mb / 63P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results

Similar Description - TLV9151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9152 TI1-TLV9152 Datasheet
1Mb / 37P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9152-Q1 TI1-TLV9152-Q1 Datasheet
1Mb / 38P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151 TI-TLV9151_V02 Datasheet
4Mb / 61P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V03 Datasheet
4Mb / 63P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9152-Q1 TI-TLV9152-Q1_V01 Datasheet
2Mb / 41P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9152-Q1 TI-TLV9152-Q1_V02 Datasheet
3Mb / 45P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151-Q1 TI-TLV9151-Q1 Datasheet
3Mb / 49P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151-Q1 TI-TLV9151-Q1_V01 Datasheet
3Mb / 52P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151-Q1 TI-TLV9151-Q1_V02 Datasheet
3Mb / 54P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
SEPTEMBER 2021
TLV9151-Q1 TI-TLV9151-Q1_V03 Datasheet
3Mb / 52P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com