Electronic Components Datasheet Search
  English  ▼

X  

TLV9151 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9151
Description  TLV915x-Q1 4.5MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9151 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV9151 Datasheet HTML 3Page - Texas Instruments TLV9151 Datasheet HTML 4Page - Texas Instruments TLV9151 Datasheet HTML 5Page - Texas Instruments TLV9151 Datasheet HTML 6Page - Texas Instruments TLV9151 Datasheet HTML 7Page - Texas Instruments TLV9151 Datasheet HTML 8Page - Texas Instruments TLV9151 Datasheet HTML 9Page - Texas Instruments TLV9151 Datasheet HTML 10Page - Texas Instruments TLV9151 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
5.4 Thermal Information for Single Channel
THERMAL METRIC (1)
TLV9151-Q1, TLV9151S-Q1
UNIT
DBV
(SOT-23)
DCK
(SC70)
5 PINS
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
187.4
167.8
202.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
86.2
107.9
101.5
°C/W
RθJB
Junction-to-board thermal resistance
54.6
49.7
47.8
°C/W
ψJT
Junction-to-top characterization parameter
27.8
33.9
18.8
°C/W
ψJB
Junction-to-board characterization parameter
54.3
49.5
47.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
5.5 Thermal Information for Dual Channel
THERMAL METRIC (1)
TLV9152-Q1
Unit
D
(SOIC)
DGK
(VSSOP)
PW
(TSSOP)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
132.6
176.5
185.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
73.4
68.1
74.0
°C/W
RθJB
Junction-to-board thermal resistance
76.1
98.2
115.7
°C/W
ψJT
Junction-to-top characterization parameter
24.0
12.0
12.3
°C/W
ψJB
Junction-to-board characterization parameter
75.4
96.7
114.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
5.6 Thermal Information for Quad Channel
THERMAL METRIC (1)
TLV9154-Q1
UNIT
D
(SOIC)
DYY
(SOT-23)
PW
(TSSOP)
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
101.4
110.7
118.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
57.6
55.9
47.6
°C/W
RθJB
Junction-to-board thermal resistance
57.3
35.3
60.9
°C/W
ψJT
Junction-to-top characterization parameter
18.5
2.3
6.0
°C/W
ψJB
Junction-to-board characterization parameter
56.9
35.1
60.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
www.ti.com
TLV9151-Q1, TLV9152-Q1, TLV9154-Q1
SBOSA23G – MAY 2020 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV9151-Q1 TLV9152-Q1 TLV9154-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com