Electronic Components Datasheet Search
  English  ▼

X  

TLV9151 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9151
Description  TLV915x-Q1 4.5MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9151 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV9151 Datasheet HTML 5Page - Texas Instruments TLV9151 Datasheet HTML 6Page - Texas Instruments TLV9151 Datasheet HTML 7Page - Texas Instruments TLV9151 Datasheet HTML 8Page - Texas Instruments TLV9151 Datasheet HTML 9Page - Texas Instruments TLV9151 Datasheet HTML 10Page - Texas Instruments TLV9151 Datasheet HTML 11Page - Texas Instruments TLV9151 Datasheet HTML 12Page - Texas Instruments TLV9151 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
5.7 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 2.7 V to 16 V (±1.35 V to ±8 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and
VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
4.5
MHz
SR
Slew rate
VS = 16 V, G = +1, CL = 20 pF
21
V/μs
tS
Settling time
To 0.01%, VS = 16 V, VSTEP = 10 V , G = +1, CL = 20 pF
2.5
μs
To 0.01%, VS = 16 V, VSTEP = 2 V , G = +1, CL = 20 pF
1.5
To 0.1%, VS = 16 V, VSTEP = 10 V , G = +1, CL = 20 pF
2
To 0.1%, VS = 16 V, VSTEP = 2 V , G = +1, CL = 20 pF
1
Phase margin
G = +1, RL = 10 kΩ
60
°
Overload recovery time
VIN × gain > VS
400
ns
THD+N
Total harmonic distortion
+ noise (1)
VS = 16 V, VO = 3 VRMS, G = 1, f = 1 kHz
0.00021%
OUTPUT
Voltage output swing
from rail (positive and
negative)
VS = 16 V, RL = no load
5
10
mV
TA = –40°C to 125°C(4)
15
VS = 16 V, RL = 10 kΩ
50
55
TA = –40°C to 125°C(4)
75
VS = 16 V, RL = 2 kΩ
200
250
TA = –40°C to 125°C(4)
350
VS = 2.7 V, RL = no load
1
6
TA = –40°C to 125°C(4)
10
VS = 2.7 V, RL = 10 kΩ
5
12
TA = –40°C to 125°C(4)
18
VS = 2.7 V, RL = 2 kΩ
25
40
TA = –40°C to 125°C(4)
60
ISC
Short-circuit current
±75
mA
CLOAD
Capacitive load drive
1000
pF
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A
525
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 A
560
685
µA
IO = 0 A, (TLV9151-Q1)
560
691
IO = 0 A
TA = –40°C to 125°C
750
IO = 0 A, (TLV9151-Q1)
769
SHUTDOWN
IQSD
Quiescent current per
amplifier
VS = 2.7 V to 16 V, all amplifiers disabled, SHDN = V–
30
45
µA
ZSHDN
Output impedance during
shutdown
VS = 2.7 V to 16 V, amplifier disabled
320 || 2
MΩ || pF
VIH
Logic high threshold
voltage (amplifier
enabled)
(V–) + 0.8V (V–) + 1.1V
V
VIL
Logic low threshold
voltage (amplifier
disabled)
(V–) + 0.2V (V–) + 0.8V
V
tON
Amplifier enable time (full
shutdown) (2) (3)
G = +1, VCM = V-, VO = 0.1 × VS/2
8
µs
tON
Amplifier enable time
(partial shutdown) (2) (3)
G = +1, VCM = V-, VO = 0.1 × VS/2
3
tOFF
Amplifier disable time (2)
VCM = V-, VO = VS/2
3
µs
www.ti.com
TLV9151-Q1, TLV9152-Q1, TLV9154-Q1
SBOSA23G – MAY 2020 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV9151-Q1 TLV9152-Q1 TLV9154-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com