Electronic Components Datasheet Search
  English  ▼

X  

PA22 Datasheet(PDF) 9 Page - Cirrus Logic

Part # PA22
Description  High Voltage Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA22 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button PA22 Datasheet HTML 5Page - Cirrus Logic PA22 Datasheet HTML 6Page - Cirrus Logic PA22 Datasheet HTML 7Page - Cirrus Logic PA22 Datasheet HTML 8Page - Cirrus Logic PA22 Datasheet HTML 9Page - Cirrus Logic PA22 Datasheet HTML 10Page - Cirrus Logic PA22 Datasheet HTML 11Page - Cirrus Logic PA22 Datasheet HTML 12Page - Cirrus Logic PA22 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PA22
PA22 REV C
9
Figure 12: Step Response
Figure 13: Pulse Response
Figure 14: Temp Sense vs Time
15
10
5
0
-5
-10
-15
-0.4
0
0.4
0.8
1.2
1.6
Time (μs)
V
IN
V
OUT
C
C
= 47pF
A
V
= -4
LOAD = 5
15
10
5
0
-5
-10
-15
-20 -10
0
10
20
40
30
Time (μs)
50
60
A
V
= -4
LOAD = 5
C
C
= 47pF
T
SENSE
T
J,N-CHANNEL
0
100
200
300
400
80
70
60
50
40
30
20
10
0
Time (s)
T
J
[°C]=(V
SNS
/0.004)-273
P
D
=4W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com