Electronic Components Datasheet Search
  English  ▼

X  

PA22 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA22
Description  High Voltage Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA22 Datasheet(HTML) 2 Page - Cirrus Logic

  PA22 Datasheet HTML 1Page - Cirrus Logic PA22 Datasheet HTML 2Page - Cirrus Logic PA22 Datasheet HTML 3Page - Cirrus Logic PA22 Datasheet HTML 4Page - Cirrus Logic PA22 Datasheet HTML 5Page - Cirrus Logic PA22 Datasheet HTML 6Page - Cirrus Logic PA22 Datasheet HTML 7Page - Cirrus Logic PA22 Datasheet HTML 8Page - Cirrus Logic PA22 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PA22
PA22 REV C
2
Figure 1: Equivalent Schematic
TYPICAL CONNECTION
Figure 2: Typical Connection
Current
Limit
Control
10
11
7
M6
R41
ILIM
ILIM
OUT
R51
M5
14
15
6
5
3
4
1
2
8
9
R1
R2
R3
M1
M2
D3
+VS
+VS
NC
NC
CC1
CC2
-IN
+IN
-VS
-VS
R6
Q1
R7
Q2
J1-A
J1-B
R4
R8
M3
D1
+
-
12
13
TMPH
TMPL
VOUT
RL
CC
OUT
ILIM
ILIM
RLIM
RF
TMPH
TMPL
CC2
CC1
+Vs
+Vs
+VS
-Vs -Vs
1μF
+IN
-IN
RI
1μF
-VS
D-
D+
LTC2997
+
-
*Use 10 F
per Amp of
output
current
*Use 10 F
per Amp of
output
current
PA22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com