Electronic Components Datasheet Search
  English  ▼

X  

PA22 Datasheet(PDF) 6 Page - Cirrus Logic

Part # PA22
Description  High Voltage Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA22 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button PA22 Datasheet HTML 2Page - Cirrus Logic PA22 Datasheet HTML 3Page - Cirrus Logic PA22 Datasheet HTML 4Page - Cirrus Logic PA22 Datasheet HTML 5Page - Cirrus Logic PA22 Datasheet HTML 6Page - Cirrus Logic PA22 Datasheet HTML 7Page - Cirrus Logic PA22 Datasheet HTML 8Page - Cirrus Logic PA22 Datasheet HTML 9Page - Cirrus Logic PA22 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PA22
6
PA22 REV C
OUTPUT
POWER SUPPLY
THERMAL
Parameter
Test Conditions
Min
Typ
Max
Units
Output Voltage Swing, Sourcing
|IOUT|=2 A
+VS-7.9
+VS-7
V
|IOUT|=10 A
+VS-15
+VS-8.5
V
Output Voltage Swing, Sinking
|IOUT|=2 A
-VS+7
-VS+7.9
V
|IOUT|=10 A
-VS+8.5
-VS+15
V
Current, Continuous, within SOA
10
12
A
Settling Time to 5%1
1. Guaranteed but not tested.
10 V step, Av=-4
2 A/µs load transient
5
µs
Slew Rate
AV=-100, RLOAD = 1 kΩ
20
35
V/µs
Current Limit vs. Temperature
RLIM=0.2 Ω, TC=25 oC to 85 oC
3.5
%
Parameter
Test Conditions
Min
Typ
Max
Units
Supply Voltage (+Vs, -Vs)
46
200
220
V
Current, quiescent
220 V supply
45
55
mA
Parameter
Test Conditions
Min
Typ
Max
Units
Resistance, AC, Junction to case
F≥60 Hz
0.35
°C/W
Resistance, DC, junction to case
F<60 Hz
0.5
°C/W
Resistance, Junction to Air
Full temp range
12
°C/W
Temperature Range, Case
Meet full range specs
-25
+85
°C
Temperature Sense Diode Temp.
Coefficient
-2
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com