Electronic Components Datasheet Search
  English  ▼

X  

PA22 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA22
Description  High Voltage Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA22 Datasheet(HTML) 1 Page - Cirrus Logic

  PA22 Datasheet HTML 1Page - Cirrus Logic PA22 Datasheet HTML 2Page - Cirrus Logic PA22 Datasheet HTML 3Page - Cirrus Logic PA22 Datasheet HTML 4Page - Cirrus Logic PA22 Datasheet HTML 5Page - Cirrus Logic PA22 Datasheet HTML 6Page - Cirrus Logic PA22 Datasheet HTML 7Page - Cirrus Logic PA22 Datasheet HTML 8Page - Cirrus Logic PA22 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.apexanalog.com
© Apex Microtechnology Inc.
All rights reserved
Oct 2020
PA22 Rev C
High Voltage Power Operational Amplifiers
PA22
RoHS
COMPLIANT
FEATURES
• Up to ±110 V Power Supply
• 12 A Continuous Output Current, Typical
• 250 W Continuous Power Dissipation at TC = 25 oC
• 4 MHz Gain Bandwidth Product
APPLICATIONS
• Programmable Voltage or Current Sources
• Piezo Electric Positioning
• Deformable Mirror Focus
• Electrostatic Transducers
DESCRIPTION
The PA22 linear power operational amplifier is specifically designed for high pulse current applications.
With its peak current capability of 13.6 A and internal power dissipation of 250 W, this amplifier offers power
density yet unseen in SIP form-factors. Its novel design allows for easy and reliable connection to a heatsink,
as well as strong performance even when socketed. This amplifier is equipped with temperature sensing and
current limit.


Similar Part No. - PA22

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
IntegraVision PA2200 Series Power Analyzers
logo
Renesas Technology Corp
PA2201T1M RENESAS-PA2201T1M_15 Datasheet
269Kb / 8P
N-CHANNEL MOS FET FOR SWITCHING
logo
Pulse A Technitrol Comp...
PA2202.121NL PULSE-PA2202.121NL Datasheet
490Kb / 2P
SMT Power Inductors
PA2202.181NL PULSE-PA2202.181NL Datasheet
490Kb / 2P
SMT Power Inductors
PA2202.211NL PULSE-PA2202.211NL Datasheet
490Kb / 2P
SMT Power Inductors
More results

Similar Description - PA22

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com