Electronic Components Datasheet Search
  English  ▼

X  

PA22 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA22
Description  High Voltage Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA22 Datasheet(HTML) 4 Page - Cirrus Logic

  PA22 Datasheet HTML 1Page - Cirrus Logic PA22 Datasheet HTML 2Page - Cirrus Logic PA22 Datasheet HTML 3Page - Cirrus Logic PA22 Datasheet HTML 4Page - Cirrus Logic PA22 Datasheet HTML 5Page - Cirrus Logic PA22 Datasheet HTML 6Page - Cirrus Logic PA22 Datasheet HTML 7Page - Cirrus Logic PA22 Datasheet HTML 8Page - Cirrus Logic PA22 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PA22
4
PA22 REV C
SPECIFICATIONS
Unless otherwise noted: TC = 25 °C, CC = 47 pF, +VS = 100 V, -VS = -100 V. DC input specifications are +/-
value given.
ABSOLUTE MAXIMUM RATINGS
The PA22 is constructed from MOSFET transistors. ESD handling procedures must be
observed. The internal substrate contains Beryllia (BeO). Do not break the seal. If acciden-
tally broken, do not crush, machine, or subject to temperatures in excess of 850 °C to avoid
generating toxic fumes.
Parameter
Symbol1
1. +VS and -VS denote the positive and negative supply voltages.
Min
Max
Units
Supply Voltage, total
+VS to -VS
40
250
V
Output Current, peak, within SOA
IOUT
13.6
A
Power Dissipation, internal, continuous2
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate power dissipation
to achieve high MTTF.
PD
250
W
Input Voltage, differential
VIN (Diff)
-25
25
V
Input Voltage, common mode
VCM
-Vs
+Vs
V
ILIM to OUT Pin Voltage Differential
VLIM
-5
5
V
Temperature, pin solder, 10s
260
°C
Temperature, junction
TJ
150
°C
Temperature Range, storage
-40
+85
°C
Operating Temperature Range, case
TC
-25
+85
°C
CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com