Electronic Components Datasheet Search
  English  ▼

X  

PA22 Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA22
Description  High Voltage Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA22 Datasheet(HTML) 5 Page - Cirrus Logic

  PA22 Datasheet HTML 1Page - Cirrus Logic PA22 Datasheet HTML 2Page - Cirrus Logic PA22 Datasheet HTML 3Page - Cirrus Logic PA22 Datasheet HTML 4Page - Cirrus Logic PA22 Datasheet HTML 5Page - Cirrus Logic PA22 Datasheet HTML 6Page - Cirrus Logic PA22 Datasheet HTML 7Page - Cirrus Logic PA22 Datasheet HTML 8Page - Cirrus Logic PA22 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PA22
PA22 REV C
5
INPUT
GAIN
Parameter
Test Conditions
Min
Typ
Max
Units
Offset Voltage, initial
5
20
mV
Offset Voltage vs. Temperature1
1. Guaranteed but not tested.
25 °C to 85 °C
90
250
µV/°C
Offset Voltage vs. Supply
22
50
µV/V
Offset Voltage vs. Time
130
µV/kh
Bias Current, initial2
2. Doubles for every 10 °C of case temperature increase.
100
2000
pA
Bias Current vs. Supply
4
pA/V
Offset Current, initial
50
2000
pA
Input Impedance, DC
1011
Ω
Input Capacitance
4
pF
Common Mode Voltage Range1
-VS+15
+Vs-15
V
Common Mode Rejection, DC
VCM= ± 43.5 V
74
108
dB
Noise
10 kHz, RI=1 kΩ
13
nV/
√Hz
Parameter
Test Conditions
Min
Typ
Max
Units
Large Signal Bandwidth1, 2
1. Guaranteed but not tested.
2. Calculated from minimum slew rate.
Av=-100, RLOAD= 1 kΩ,
VOUT=220 VPP, ±VS=±125 V
28
kHz
Gain Bandwidth Product
F=1 MHz
5.8
MHz
PSRR, DC
Referred to input
80
104
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com