Electronic Components Datasheet Search
  English  ▼

X  

PA22 Datasheet(PDF) 12 Page - Cirrus Logic

Part # PA22
Description  High Voltage Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA22 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button PA22 Datasheet HTML 6Page - Cirrus Logic PA22 Datasheet HTML 7Page - Cirrus Logic PA22 Datasheet HTML 8Page - Cirrus Logic PA22 Datasheet HTML 9Page - Cirrus Logic PA22 Datasheet HTML 10Page - Cirrus Logic PA22 Datasheet HTML 11Page - Cirrus Logic PA22 Datasheet HTML 12Page - Cirrus Logic PA22 Datasheet HTML 13Page - Cirrus Logic PA22 Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PA22
12
PA22 REV C
Figure 17: Overvoltage Protection
POWER SUPPLY BYPASSING
Bypass capacitors to power supply terminals +VS and -VS must be connected physically close to the pins.
Apex recommends to use electrolytic capacitors of 10 µF or greater per output amp. As additional prevention
of local parasitic oscillation in the output stage of the PA22, Apex advises to place high quality ceramic capac-
itors (X7R) of 0.1 µF or greater in parallel to the electrolytic capacitors.
PHASE COMPENSATION
The external compensation capacitor CC is connected between pins 3 and 4. Unity gain stability can be
achieved with any capacitor value larger than 220 pF for a minimum phase margin of 45° driving resistive
loads. At higher gains, more phase shift can usually be tolerated, and the compensation capacitor value can
be reduced to result in higher bandwidth and slew rate. Use the typical operating curves as a guide to select
CC for the application. An NPO (COG) type capacitor rated for the full supply voltage (250 V) is required.
TEMPERATURE SENSE
PA22 offers accurate junction-temperature sense. This uses two parallel bipolar transistors mounted
directly on top of select power die for near-junction temperature measurement. Connect pins 12 and 13 to
the D- and D+ pins of LTC2997 (or similar device), respectively. The LTC2997 will properly bias the bipolar
transistors and translate the signal to a Proportional To Absolute Temperature (PTAT) voltage. Apex does not
recommend reading temperature without an LTC2997 or similar device.
+IN
-IN
Q1
Q2
Q3
Q4
Z1
Z2
-VS
+VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com