Electronic Components Datasheet Search
  English  ▼

X  

33399 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33399
Description  Local Interconnect Network (LIN) Physical Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33399 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33399 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33399
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
Continuous Supply Voltage
Transient Voltage (Load Dump)
VSUP
27
40
V
WAKE DC and Transient Voltage (Through a 33 k
Ω Serial Resistor)
VWAKE
-18 to 40
V
Logic Voltage (RXD, TXD, EN Pins)
VLOG
-0.3 to 5.5
V
LIN Pin
DC Voltage
Transient (Coupled Through 1.0 nF Capacitor)
VBUS
-18 to 40
-150 to 100
V
INH Voltage/Current
DC Voltage
VINH
-0.3 to VSUP + 0.3
V
ESD Voltage, Human Body Model (1)
All Pins
LIN Bus Pin with Respect to Ground
VESD1
±4000
±5000
V
ESD Voltage, Machine Model
All Pins
VESD2
±200
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TSTG
-55 to 165
°C
Thermal Resistance, Junction to Ambient
RθJA
150
°C/W
Peak Package Reflow Temperature During Reflow (2), (3)
TPPRT
Note 3.
°C
Thermal Shutdown
TSHUT
150 to 200
°C
Thermal Shutdown Hysteresis
THYST
8.0 to 20
°C
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 testing is performed in
accordance with the Machine Model (CZAP = 220 pF, RZAP = 0 Ω).
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com