Electronic Components Datasheet Search
  English  ▼

X  

33399 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33399
Description  Local Interconnect Network (LIN) Physical Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33399 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33399 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33399
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LIN PIN (VOLTAGE EXPRESSED VERSUS VSUP VOLTAGE)
Low-Level Bus Voltage (Dominant State)
TXD LOW, VLIN = 40 mA
VDOM
0.0
—
1.4
V
High-Level Voltage (Recessive State)
TXD HIGH, IOUT = 1.0 µA
VREC
0.85 VSUP
—
—
V
Internal Pullup Resistor to VSUP (4)
-40°C
≤ T
A ≤ 70°C
70°C < TA ≤ 125°C
RPU
20
35
30
49
47
60
k
Ω
Current Limitation
TXD LOW, VLIN = VSUP
ILIM
50
150
200
mA
Leakage Current to GND
Recessive State, VSUP - 0.3 V ≤ VLIN ≤ VSUP
(4)
VSUP Disconnected, -18 V ≤ VLIN ≤ 18 V (Excluding Internal Pullup
Source)
VSUP Disconnected, VLIN = -18 V (Including Internal Pullup Source)
VSUP Disconnected, VLIN = +18 V (Including Internal Pullup Source)
ILEAK
0.0
-40
—
—
—
—
-600
15
10
40
—
—
µA
LIN Receiver, Low-Level Input Voltage
TXD HIGH, RXD LOW
VLINL
0 VSUP
—
0.4 VSUP
V
LIN Receiver, High-Level Input Voltage
TXD HIGH, RXD HIGH
VLINH
0.6 VSUP
—
VSUP
V
LIN Receiver Threshold Center
(VLINH - VLINL) / 2
VLINTH
—
VSUP/2
—
V
LIN Receiver Input Voltage Hysteresis
VLINH - VLINL
VLINHYS
0.05 VSUP
—
0.15 VSUP
V
LIN Wake-Up Threshold Voltage
VLINWU
3.5
4.5
6.0
V
INH OUTPUT PIN
High-Level Voltage (Normal Mode)
VWUH
VSUP -0.8
—
VSUP
V
Leakage Current (Sleep Mode)
0 < VINH < VSUP
ILEAK
0
—
5.0
µA
WAKE INPUT PIN
Typical Wake-Up Threshold (EN = 0 V, 7.0 V
≤ V
SUP ≤ 18 V)
(5)
HIGH-to-LOW Transition
LOW-to-HIGH Transition
VWUTH
0.3 VSUP
0.4 VSUP
0.43 VSUP
0.55 VSUP
0.55 VSUP
0.65 VSUP
V
Wake-Up Threshold Hysteresis
VWUHYS
0.1 VSUP
0.16 VSUP
0.2 VSUP
V
WAKE Input Current
VWAKE ≤ 14 V
VWAKE > 14 V
IWU
—
—
1.0
—
5.0
100
µA
Notes
4.
A diode structure is inserted with the pullup resistor to avoid parasitic current path from LIN to VSUP.
5.
When VSUP is greater than 18 V, the wake-up voltage thresholds remain identical to the wake-up thresholds at 18 V.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, -40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com