Electronic Components Datasheet Search
  English  ▼

X  

33399 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33399
Description  Local Interconnect Network (LIN) Physical Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33399 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33399 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 19Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33399
TYPICAL APPLICATIONS
Figure 13. Master Node Typical Device Application with MCU Wake-Up from Stop Mode
(Non-Switchable 5.0 V Regulator, MCU Stop Mode)
Actuator
SCI
MCU
Driver
M
5.0 V
Master Node
Pullup
IRQ
5.0 V
I/O
VDD
I/O(2)
RXD
TXD
EN
LIN
VSUP
VREF
Logic
GND
Driver
Receiver
Bias
INH
Protection
WAKE
30
k
Ω
1.0
k
Ω
33399
VPWR
External Switch
12V
5.0V
Regulator
Wake-Up
Regulator
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com