Electronic Components Datasheet Search
  English  ▼

X  

33399 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33399
Description  Local Interconnect Network (LIN) Physical Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33399 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33399 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Document Number: MC33399
Rev. 8.0, 10/2006
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Local Interconnect Network
(LIN) Physical Interface
Local Interconnect Network (LIN) is a serial communication
protocol designed to support automotive networks in conjunction with
Controller Area Network (CAN). As the lowest level of a hierarchical
network, LIN enables cost-effective communication with sensors and
actuators when all the features of CAN are not required.
The 33399 is a Physical Layer component dedicated to automotive
sub-bus applications. It offers speed communication from 1.0 kbps to
20 kbps, and up to 60 kbps for Programming Mode. It has two
operating modes: Normal and Sleep.
The 33399 supports LIN Protocol Specification 1.3.
Features
• Nominal Operation from VSUP 7.0 V to 18 V DC, Functional up to
27 V DC Battery Voltage and Capable of Handling 40 V During
Load Dump
• Active Bus Waveshaping to Minimize Radiated Emission
±5.0 kV ESD on LIN Bus Pin, ±4.0 kV ESD on Other Pins
•30 k
Ω Internal Pullup Resistor
• Ground Shift Operation and Ground Disconnection Fail-Safe at
Module Level
• An Unpowered Node Does Not Disturb the Network
•20 µA in Sleep Mode
• Wake-Up Capability from LIN Bus, MCU Command and Dedicated
High Voltage Wake-Up Input (Interface to External Switch)
• Interface to MCU with CMOS-Compatible I/O Pins
• Control of External Voltage Regulator
• Pb-FREE packaging designated by package code EF
Figure 1. 33399 Simplified Application Diagram
LIN PHYSICAL INTERFACE
33399
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33399D/R2
-40°C to 125°C
8 SOICN
MCZ33399EF/R2
D SUFFIX
EF SUFFIX (PB-FREE)
98ASB42564B
8 PIN SOICN
LIN Bus
5.0 V
Regulator
33399
MCU
VPWR
INH
EN
TXD
RXD
VSUP
WAKE
GND
LIN
12 V


Similar Part No. - 33399

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3339 BOURNS-3339 Datasheet
127Kb / 1P
5/16 Round Trimming Potentiometer
3339 BOURNS-3339 Datasheet
138Kb / 1P
5/16 ??Round Trimpot짰 Trimming Potentiometer
logo
Heyco.
3339 HEYCO-3339 Datasheet
85Kb / 1P
Tension Wire Clips - Vinyl U Style
logo
Peregrine Semiconductor...
3339-00 PEREGRINE-3339-00 Datasheet
143Kb / 12P
3.0 GHz Integer-N PLL for Low Phase Noise Applications
3339-11 PEREGRINE-3339-11 Datasheet
143Kb / 12P
3.0 GHz Integer-N PLL for Low Phase Noise Applications
More results

Similar Description - 33399

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
Automotive Local Interconnect Network Physical Interface
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
LIN Physical Interface
logo
Freescale Semiconductor...
33661 FREESCALE-33661 Datasheet
542Kb / 21P
Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
LIN PHYSICAL INTERFACE
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
LIN PHYSICAL INTERFACE
logo
Freescale Semiconductor...
MC33661PEFR2 FREESCALE-MC33661PEFR2 Datasheet
678Kb / 22P
Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
logo
Texas Instruments
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
LIN Physical Interface
TLIN1027-Q1 TI1-TLIN1027-Q1 Datasheet
1Mb / 32P
TLIN1027-Q1 Local Interconnect Network (LIN) Transceiver
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com