Electronic Components Datasheet Search
  English  ▼

X  

33399 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33399
Description  Local Interconnect Network (LIN) Physical Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33399 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33399 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33399
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
The 33399 can be configured in several applications. Figures 12 and 13 show slave and master node applications. An
additional pullup resistor of 1.0 k
Ω in series with a diode must be added when the device is used in the master node.
Figure 12. Slave Node Typical Application with WAKE Input Switch and INH
(Switchable 5.0 V Regulator)
Actuator
SCI
MCU
Driver
M
12V
5.0V
INH
5.0 V
VREG
I/O
VDD
External Switch
RXD
TXD
EN
LIN
VSUP
VREF
Logic
GND
Driver
Receiver
Bias
INH
Protection
Wake-Up
WAKE
30
k
Ω
33399
VPWR
Regulator
Regulator
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com