Electronic Components Datasheet Search
  English  ▼

X  

33399 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33399
Description  Local Interconnect Network (LIN) Physical Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33399 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33399 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33399
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, -40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
DIGITAL INTERFACE TIMING
LIN Slew Rate (6)
, (7)
Falling Edge
Rising Edge
tFALL
tRISE
0.75
0.75
2.0
2.0
3.0
3.0
V/
µs
LIN Rise/Fall Symmetry (tRISE-tFALL)
tSYM
-2.0
—
2.0
µs
Driver Propagation Delay (8)
, (9)
TXD LOW-to-LIN LOW
TXD HIGH-to-LIN HIGH
tTXDLINL
tTXDLINH
0.0
0.0
—
—
4.0
4.0
µs
Receiver Propagation Delay (9)
, (10)
LIN LOW to RXD LOW
LIN HIGH to RXD HIGH
tRXDLINL
t RXDLINH
2.0
2.0
4.0
4.0
6.0
6.0
µs
Receiver Propagation Delay Symmetry
tRECSYM
-2.0
—
2.0
µs
Transmitter Propagation Delay Symmetry
tTRSYM
-2.0
—
2.0
µs
Propagation Delay (11)
LIN Bus Wake-Up to INH HIGH
tPROPWL
45
70
130
µs
Notess
6.
Measured between 20 and 80 percent of bus signal for 10 V < VSUP < 18 V. Between 30 and 70 percent of signal for
7.0 V < VSUP < 10 V.
7.
See Figure 5, page 8.
8.
tTXDLINL is measured from TXD (HIGH-to-LOW) and LIN (VREC -0.2 V). tTXDLINH is measured from TXD (LOW-to-HIGH) and LIN
(VDOM + 0.2 V).
9.
See Figure 4, page 8.
10.
Measured between LIN receiver thresholds and RXD pin.
11.
See Figure 6, page 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com