Electronic Components Datasheet Search
  English  ▼

X  

33399 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33399
Description  Local Interconnect Network (LIN) Physical Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33399 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33399 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33399
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, -40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
VSUP PIN (DEVICE POWER SUPPLY)
Supply Voltage Range
VSUP
7.0
13.5
18
V
Supply Current in Sleep Mode
VLIN > VSUP -0.5 V, VSUP < 14 V
14 V
< V
SUP < 18 V
IS1
IS2
—
—
20
—
50
150
µA
Supply Current in Normal Mode
Recessive State
Dominant State, Total Bus Load > 500
Ω
IS(REC)
IS(DOM)
—
—
—
—
2.0
3.0
mA
Supply Undervoltage Threshold
VSUP_UV
5.5
6.4
6.8
V
RXD OUTPUT PIN (LOGIC)
Low-Level Output Voltage
IIN ≤ 1.5 mA
VOL
0.0
—
0.9
V
High-Level Output Voltage
IOUT ≤ 250 µΑ
VOH
3.75
—
5.25
V
TXD INPUT PIN (LOGIC)
Low-Level Input Voltage
VIL
—
—
1.5
V
High-Level Input Voltage
VIH
3.5
—
—
V
Input Voltage Threshold Hysteresis
VINHYST
100
550
800
mV
Pullup Current Source
1.0 V < VTXD < 4.0 V, VEN = 5.0 V
IPU
-50
—
-25
µA
EN INPUT PIN (LOGIC)
Low-Level Input Voltage
VIL
—
—
1.5
V
High-Level Input Voltage
VIH
3.5
—
—
V
Input Voltage Threshold Hysteresis
VINHYST
100
480
800
mV
EN Low-Level Input Current
VIN = 1.0 V
IIL
5.0
20
30
µA
High-Level Input Current
VIN = 4.0 V
IIH
—
20
40
µA
Pulldown Current
1.0 V < EN < 4.0 V
IPD
—
20
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com