Electronic Components Datasheet Search
  English  ▼

X  

33689D Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33689D
Description  System Basis Chip with LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33689D Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33689D Datasheet HTML 18Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 19Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 20Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 21Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 22Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 23Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 24Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 25Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33689
FUNCTIONAL DESCRIPTION
FUNCTIONAL DEVICE OPERATION
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
As described below and depicted in Figure 1 below and
Table 1 on page 23, the 33689 has three operational modes:
Normal, Sleep, and Stop. Operational modes are controlled
by MODE1 and MODE2 bits in the SPI Register (refer to
Logic Commands and Registers on page 24). In additional,
there are two transitional modes: Reset and Normal Request.
RESET MODE
At power up, the 33689 switches automatically to Reset
Mode for 1 ms if VDD goes high. If VDD stays low, after
150 ms the 33689 goes in Sleep Mode.
NORMAL REQUEST MODE
Before entering in Normal Request Mode, the 33689 stays
for 1 ms in Reset Mode. In this mode, the LIN bus can
transmit and receive information.
Figure 1. 33689 Modes State Diagram
Power
Reset
Stop
Normal
Sleep
VDD HIGH & Reset Counter (1.0 ms)
Expired & Watchdog Selected
VDD LOW OR
(Normal Request
Timeout Occurs
[150 ms] & Watchdog
Selected)
Wake-Up
VDD LOW
VDD HIGH & Reset Counter (1.0 ms) Expired & Watchdog Not Selected
VDD LOW OR (Watchdog
Fail & Watchdog Selected)
Legend
Watchdog Selected: External resistor between WDC pin and GND or WDC pin open.
Watchdog Not Selected: WDC pin connected to GND.
Watchdog Fail: Watchdog trigger occurs in closed window or no SPI Watchdog trigger command.
Stop Command: SPI stop command.
Sleep Command: SPI sleep request followed by SPI sleep command.
Wake-Up: L1 or L2 state change or LIN bus wake-up or CS rising edge.
VDD LOW (150 ms) Expired & VSUV Bit = Logic [0]
Down
Normal
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com