Electronic Components Datasheet Search
  English  ▼

X  

33689D Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33689D
Description  System Basis Chip with LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33689D Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33689D Datasheet HTML 10Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 11Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 12Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 13Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 14Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 15Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 16Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 17Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33689
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
LIN PHYSICAL LAYER: BUS DRIVER TIMING CHARACTERISTICS FOR NORMAL SLEW RATE (20)
Propagation Delay TXD to LIN (21)
Dominant State Minimum Threshold (50% TXD to 58.1% VSUP)
Dominant State Maximum Threshold (50% TXD to 28.4% VSUP)
Recessive State Minimum Threshold (50% TXD to 42.2% VSUP)
Recessive State Maximum Threshold (50% TXD to 74.4% VSUP)
tDOMMIN
tDOMMAX
tRECMIN
tRECMAX
—
—
—
—
—
—
—
—
50
50
50
50
µs
Propagation Delay Symmetry
tDOMMIN - tRECMAX
tDOMMAX - tRECMIN
dt1s
dt2s
-10.44
—
—
—
—
11
µs
LIN PHYSICAL LAYER: BUS DRIVER TIMING CHARACTERISTICS FOR SLOW SLEW RATE (20)
Propagation Delay TXD to LIN (22)
Dominant State Minimum Threshold (50% TXD to 61.6% VSUP)
Dominant State Maximum Threshold (50% TXD to 25.1% VSUP)
Recessive State Minimum Threshold (50% TXD to 38.9% VSUP)
Recessive State Maximum Threshold (50% TXD to 77.8% VSUP)
tDOMMIN
tDOMMAX
tRECMIN
tRECMAX
—
—
—
—
—
—
—
—
100
100
100
100
µs
Propagation Delay Symmetry
tDOMMIN - tRECMAX
tDOMMAX - tRECMIN
dt1s
dt2s
-22
—
—
—
—
23
µs
LIN PHYSICAL LAYER: BUS DRIVER FAST SLEW RATE
LIN High Slew Rate (Programming Mode)
dv/dt Fast
—
13
—
V/
µs
LIN PHYSICAL LAYER, TRANSCEIVER
Output Current Shutdown Delay (23)
tOUTDLY
—
10
—
µs
Notes
20.
7.0 V < VSUP < 18 V, bus load C0 and R0 1.0 nF/1.0 kΩ, 6.8 nF/660 Ω, 10 nF/500 Ω. 50% of TXD signal to LIN signal threshold. See
Figure 5, page 16.
21.
See Figure 7, page 17.
22.
See Figure 8, page 17.
23.
Parameter guaranteed by design; however, it is not production tested.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0.0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com