Electronic Components Datasheet Search
  English  ▼

X  

33689D Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33689D
Description  System Basis Chip with LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33689D Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33689D Datasheet HTML 3Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 4Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 5Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 6Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 7Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 8Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 9Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 10Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33689
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0.0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
VS1 AND VS2 INPUT PINS (DEVICE POWER SUPPLY)
Supply Input Voltage
Nominal DC
Load Dump
Jump Start (3)
VSUP
VSUPLD
VSUPJS
5.5
—
—
—
—
—
18
40
27
V
Supply Input Current (4)
Normal Mode, IOUT at VDD = 10 mA, LIN Recessive State
Sleep Mode, VDD OFF, VSUP ≤ 13.5 V
Stop Mode, VDD ON with IOUT < 100 µA, VSUP ≤ 13.5 V
ISUP(NORM)
ISLEEP
ISTOP
—
—
—
5.0
35
60
8.0
45
75
mA
µA
µA
Input Threshold Voltage (Normal Mode, Interrupt Generated)
Fall Early Warning, Bit VSUV Set
Overvoltage Warning, Bit VSOV Set
VSUVEW
VSOVW
5.7
18
6.1
19.75
6.6
20.5
V
Hysteresis (5)
VSUV Flag
VSOV Flag
VHYS
—
—
1.0
220
—
—
V
mV
VDD OUTPUT PIN (EXTERNAL 5.0 V OUTPUT FOR MCU USE) (6)
Output Voltage
IDD from 2.0 mA to 50 mA, 5.5 V < VSUP < 27 V
VDDOUT
4.75
5.0
5.25
V
Dropout Voltage (7)
IDD = 50 mA
VDDDROP
—
0.1
0.2
V
Output Current Limitation (8)
IDD
50
120
200
mA
Overtemperature Pre-warning (Junction)
Normal Mode, Interrupt Generated, Bit VDDT Set
TPRE
120
135
160
°C
Thermal Shutdown (Junction)
Normal Mode
TSD
165
170
—
°C
Notes
3.
Device is fully functional. All features are operating. An overtemperature fault may occur.
4.
Total current (IVS1 + IVS2) at VS1 and VS2 pins is measured at the ground pins.
5.
Parameter guaranteed by design; however, it is not production tested.
6.
Specification with external capacitor 2.0
µF < C < 10 µF and 200 mΩ ≤ ESR ≤ 10 Ω. Normal mode. Low ESR electrolytic capacitor values
up to 47
µF can be used.
7.
Measured when the voltage has dropped 100 mV below its nominal value.
8.
Internally limited. Total 5.0 V regulator current. A 5.0 mA current for the Current Sense Operational Amplifier operation is included.
Digital outputs are supplied from VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com