Electronic Components Datasheet Search
  English  ▼

X  

33689D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33689D
Description  System Basis Chip with LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33689D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33689D Datasheet HTML 1Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 2Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 3Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 4Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 5Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 6Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 7Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 8Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Document Number: MC33689
Rev. 7.0, 8/2006
Freescale Semiconductor
Technical Data
Freescale Semiconductor, Inc. reserves the right to change the detail specifications, as
may be required, to permit improvements in the design of its products.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
System Basis Chip with LIN
Transceiver
The 33689 is a SPI-controlled System Basis Chip (SBC) that
combines many frequently used functions in an MCU-based system
plus a Local Interconnect Network (LIN) transceiver. Applications
include power window, mirror, and seat controls. The 33689 has a
5.0 V, 50 mA low dropout regulator with full protection and reporting
features. The device provide full SPI-readable diagnostics and a
selectable timing watchdog for detecting errant operation.
The LIN transceiver waveshaping circuitry can be disabled for
higher data rates. One 50 mA and two 150 mA high-side switches with
output protection are available to drive inductive or resistive loads. The
150 mA switches can be pulse-width modulated (PWM).
Two high-voltage inputs are available for contact monitoring or as
external wake-up inputs. A current sense operational amplifier is
available for load current monitoring.
The 33689 has three operational modes:
• Normal (all functions available)
• Sleep (VDD OFF, wake-up via LIN bus or wake-up inputs)
• Stop (VDD ON, wake-up via MCU, LIN bus, or wake-up inputs)
Features
• Full-Duplex SPI Interface at Frequencies up to 4.0 MHz
• LIN Transceiver Capable to 100 kbps with Waveshaping Capability
• 5.0 V Low Dropout Regulator Full Fault Detection and Protection
• One 50 mA and Two 150 mA Protected High-Side Switches
• Current Sense Operational Amplifier
• The 33689 is compatible with LIN 2.0 Specification Package.
• Pb-Free Packaging Designated by Suffix Code EW
Figure 1. 33689 Simplified Application Diagram
SYSTEM BASIS CHIP WITH LIN
33689D
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33689DDWB/R2
-40°C to 125°C
32 SOICW
MCZ33689DEW/R2
DWB SUFFIX
EW SUFFIX (PB-FREE)
98ARH99137A
32-PIN SOICW
VPWR
SPI
MOSI
SCK
MISO
5.0 V
MCU
33689
BUS
VS1
VS2
VDD
HS3
L1
L2
HS1
HS2
E+
LIN
INT
RST
MOSI
SCLK
MISO
TXD
RXD
OUT
GND
IN
CS
CS
WDC
E-
TGND
AGND
VDD
VCC


Similar Part No. - 33689D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3368 SCHURTER-3368 Datasheet
393Kb / 3P
Power Cord with IEC Connector C15, Angled, 120째C
logo
List of Unclassifed Man...
3368 ETC2-3368 Datasheet
68Kb / 1P
WASHERS
3368 ETC-3368 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3368 HEYCO-3368 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Adafruit Industries
3368 ADAFRUIT-3368 Datasheet
106Kb / 2P
Miniature 5V Cooling Fan for Raspberry Pi (and Other Computers)
More results

Similar Description - 33689D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
System Basis Chip with LIN transceiver
logo
NXP Semiconductors
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
LIN fail-safe system basis chip
Rev. 03-10 September 2007
logo
Freescale Semiconductor...
MC33910 FREESCALE-MC33910 Datasheet
853Kb / 49P
LIN System Basis Chip with High Side Drivers
logo
NXP Semiconductors
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
LIN core system basis chip
Rev. 02-27 May 2010
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
LIN System Basis Chip with High
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
LIN core system basis chip
Rev. 2 ??31 January 2011
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com