Electronic Components Datasheet Search
  English  ▼

X  

33689D Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33689D
Description  System Basis Chip with LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33689D Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33689D Datasheet HTML 11Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 12Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 13Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 14Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 15Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 16Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 17Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 18Page - Freescale Semiconductor, Inc 33689D Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33689
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
LIN PHYSICAL LAYER: RECEIVER CHARACTERISTICS AND WAKE-UP TIMINGS
Propagation Delay LIN to RXD (24)
Dominant State (LIN LOW to RXD LOW)
Recessive State (LIN HIGH to RXD HIGH)
Symmetry (
tRDOM - tRREC)
tRDOM
tRREC
tRSYM
—
—
-2.0
3.0
3.0
—
6.0
6.0
2.0
µs
Bus Wake-Up Deglitcher (Sleep and Stop Modes) (25)
tPROPWL
30
70
90
µs
Bus Wake-Up Event Reported
From Sleep Mode (26)
From Stop Mode (27)
tWU
tWU
—
—
30
20
—
—
µs
Notes
24.
Measured between LIN signal threshold VINL or VINH and 50% of RXD signal.
25.
See Figures 9 and 10, page 18.
26.
tWU is typically 2 internal clock cycles after a LIN rising edge is detected. In Sleep Mode, the measurement is done without a capacitor
connected to the regulator. The delay is measured between the VSUP/2 rising edge of the LIN bus and when VDD reaches 3.0 V. The
VDD rise time is strongly dependent upon the decoupling capacitor at VDD pin. See Figure 9, page 18.
27.
tWU is typically 2 internal clock cycles after a LIN rising edge is detected. In Stop Mode, the delay is measured between the VSUP/2
rising edge of the LIN bus and the falling edge of the INT pin. See Figure 10, page 18.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0.0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com