Electronic Components Datasheet Search
  English  ▼

X  

MA4 Datasheet(PDF) 23 Page - Greenlee Communications

Part # MA4
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

MA4 Datasheet(HTML) 23 Page - Greenlee Communications

Back Button MA4 Datasheet HTML 19Page - Greenlee Communications MA4 Datasheet HTML 20Page - Greenlee Communications MA4 Datasheet HTML 21Page - Greenlee Communications MA4 Datasheet HTML 22Page - Greenlee Communications MA4 Datasheet HTML 23Page - Greenlee Communications MA4 Datasheet HTML 24Page - Greenlee Communications MA4 Datasheet HTML 25Page - Greenlee Communications MA4 Datasheet HTML 26Page - Greenlee Communications MA4 Datasheet HTML 27Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
163
15-Ton Crimping Tool
• Interchangeable adapters permit the use of a wide variety of die types for
all common crimping applications.
• Accepts Kearney PH4/PH14 dies without adapters.
• Lightweight.
• Zinc-plated head resists corrosion better than other finishes.
• Hot stick attachment point is standard.
• Operates with most 10,000 psi (700 bar) hydraulic sources.
• Equipped with 3/8" male screw type 10,000 psi (700 bar) coupler.
• Includes steel carrying case.
• See page 333 for hydraulic hose and pump selection.
CAT. NO.
UPC NO.
DESCRIPTION
RK1550
05386
15-Ton Single-Acting Remote-Powered Crimping Tool
48820
48820
Die Adapters – Burndy P dies (Y46), Ilsco ILD-P dies
48788
48788
Die Adapters – T&B 15600 dies, Blackburn 15600 dies
48802
48802
Die Adapters – Greenlee U dies, Burndy U dies,
Ilsco ILD dies, T&B 15500 dies, Blackburn 15500 dies
48824
48824
Die Adapters – Kearney PH2/WH2 dies
SPECIFICATIONS
Capacity
Color-Coded copper lugs and splices: #8 to 1000 kcmil (MCM)
Color-Coded aluminum lugs and splices: #8 to 1000 kcmil (MCM)
For other connector types, see the capacity chart in the Greenlee catalog
Crimping Force at 10,000 psi (700 bar)
30,000 lbs (133 kN)
Length
15" (380 mm);
Width
3" (76 mm)
Height
5-3/8" (135 mm)
Weight
14.1 lbs. (6.4 kg)
Operating Pressure
10,000 psi (700 bar)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com