Electronic Components Datasheet Search
  English  ▼

X  

MA4 Datasheet(PDF) 19 Page - Greenlee Communications

Part # MA4
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

MA4 Datasheet(HTML) 19 Page - Greenlee Communications

Back Button MA4 Datasheet HTML 15Page - Greenlee Communications MA4 Datasheet HTML 16Page - Greenlee Communications MA4 Datasheet HTML 17Page - Greenlee Communications MA4 Datasheet HTML 18Page - Greenlee Communications MA4 Datasheet HTML 19Page - Greenlee Communications MA4 Datasheet HTML 20Page - Greenlee Communications MA4 Datasheet HTML 21Page - Greenlee Communications MA4 Datasheet HTML 22Page - Greenlee Communications MA4 Datasheet HTML 23Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
SPECIFICATIONS
Capacity
Color-coded copper lugs and splices, 600 kcmil (MCM). Color-coded
aluminum lugs and splices, 350 kcmil (MCM). For capacity with other
types of connectors, see chart on page 157.
Crimping Force 12,000 lb (53 kN)
Length 12-3/8" (314 mm)
Height 11-3/4" (298 mm)
Weight 9.7 lbs. (4.4 kg)
Battery 12 Volt 2.0 Ah NiCd
Battery charge time 1 hour
CAT. NO.
UPC NO.
DESCRIPTION
EK22GL11
03551
6-Ton Battery-Powered Crimping Tool,
120 V Charger
EK22GL12
03552
6-Ton Battery-Powered Crimping Tool,
12 V Charger
EK22GL22
03553
6-Ton Battery-Powered Crimping Tool,
230 V Charger
Crimping Dies on page 170.
Gator-Plus™ Battery-Powered 6-Ton Crimping Tools
• Ram automatically retracts after the crimp is complete. Operator doesn’t
need to push a retract lever.
• A two-speed pump advances the ram quickly to start the crimp. Crimp
times range from about 5 to 7 seconds depending on the connector.
• Powerful 12 volt 2.0 Ah battery provides up to 120 crimps per charge.
• UL Classified and CSA Certified with Anderson, Blackburn, Burndy, ILSCO,
Panduit, Penn-Union and T&B copper lugs and splices to 600 kcmil (MCM).
UL & CUL classified with Anderson, Blackburn, Burndy, ILSCO, Panduit, Penn-
Union, & Thomas & Betts aluminum lugs & splices to 350 kcmil (MCM).
• Flip-top style opens easily with a simple pull on the side piece and
rotates 360°.
• Includes one-hour battery charger, steel carrying case and two batteries.
• Choice of a 120 volt, 230 volt, or 12 volt battery charger.
• Equipped with die adapters for “W” type dies. The adapters are equivalent
to “D
3” dies.
• U.S. Patent #6,206,663.
EK22GL11
CAT. NO.
UPC NO.
DESCRIPTION
CK22GL11
01368
6-Ton Corded Crimping Tool, 120 V
CK22GL22
01369
6-Ton Corded Crimping Tool, 230 V
Gator-Plus™ 6-Ton Corded Crimping Tools
• Operates directly from 120 volt or 230 volt 50 Hz electrical outlets. No
need to charge batteries or worry about running out of power.
• Equipped with 15 foot (5 m) cord. Can be used with extension cords.
• Ram automatically retracts after the crimp is complete. Operator doesn’t
need to push a retract lever.
• A two-speed pump advances the ram quickly to start the crimp. Crimp
completion time is reduced by over 25%. Crimp times range from about
5 to 7 seconds depending on the connector.
• UL Classified and CSA Certified with Anderson, Blackburn, Burndy, ILSCO,
Panduit, Penn-Union and T&B copper lugs and splices to 600 kcmil (MCM).
UL & CUL classified with Anderson, Blackburn, Burndy, ILSCO, Panduit, Penn-
Union, & Thomas & Betts aluminum lugs & splices to 350 kcmil (MCM).
• Flip-top style opens easily with a simple pull on the side piece and
rotates 360°.
• Equipped with die adapters for “W” type dies. The adapters are equivalent
to “D
3” dies.
• Includes steel carrying case.
• U.S. Patent #6,206,663.
SPECIFICATIONS
Capacity
Color-coded copper lugs and splices, 600 kcmil (MCM). Color-coded
aluminum lugs and splices, 350 kcmil (MCM). For capacity with
other types of connectors, see chart on page 176.
Crimping Force
12,000 lb. (53 kN)
Height
11-3/4" (298 mm)
Length
12-3/8" (314 mm)
Weight
9.7 lbs. (4.4 kg)
159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com