Electronic Components Datasheet Search
  English  ▼

X  

MA4 Datasheet(PDF) 22 Page - Greenlee Communications

Part # MA4
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

MA4 Datasheet(HTML) 22 Page - Greenlee Communications

Back Button MA4 Datasheet HTML 18Page - Greenlee Communications MA4 Datasheet HTML 19Page - Greenlee Communications MA4 Datasheet HTML 20Page - Greenlee Communications MA4 Datasheet HTML 21Page - Greenlee Communications MA4 Datasheet HTML 22Page - Greenlee Communications MA4 Datasheet HTML 23Page - Greenlee Communications MA4 Datasheet HTML 24Page - Greenlee Communications MA4 Datasheet HTML 25Page - Greenlee Communications MA4 Datasheet HTML 26Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
162
RK1230
RK1240
RK1240K
RK1240C
12-Ton Manual Hydraulic Crimping Tool
• Two-speed ram advances fast and shifts to lower speed to complete the
crimp.
• Strong, lightweight fiberglass handles.
• Push button permits dies to be inserted and removed easily.
• The “C” style head has a 1.2" (30 mm) opening for easy placement on
connectors.
• Tool is supplied in a durable molded plastic carrying case.
• Accepts Greenlee and industry “U” style dies for 12-ton tools.
• Includes molded carrying case.
CAT. NO.
UPC NO.
DESCRIPTION
HKL1230
01760
12-Ton Hydraulic Crimping Tool, 1.2" (30 mm) opening
Crimping Dies on page 171.
SPECIFICATIONS
Capacity
See crimping tool capacity chart on page 157.
Crimping Force
24,000 lbs (106 kN)
Length
24-1/4" (616 mm)
Weight
14.1 lbs (6.4 kg)
12-Ton Remote-Powered Crimping Heads
• Three crimping head choices: RK1230 for industry “U” type dies with
1.20" (30 mm) opening, RK1240 for industry “U” type dies with 1.65"
(42 mm) opening, and RK1240K for Kearney PH2 type dies.
• New head designs result in lower weight and improved durability – tested
to 50,000 crimp cycles.
• Boss included on each crimping head for use with hotsticks.
• Easy to get into tight locations, lightweight makes them excellent choices
for hotstick use.
• Single-acting tools that require an external hydraulic pump capable of
10,000 psi (700 bar).
• Equipped with a 3/8" male screw type coupler.
• Capable of crimping a wide range of lugs, C-taps, H-taps and overhead
tension sleeves.
• Covered head models have two layers of PVC that total approximately
3/16" (4.8 mm) thick. The outer layer is black and the inner layer is red.
• Includes steel carrying case.
• See page 333 for hydraulic hose and pump selection.
CAT. NO.
UPC NO.
DESCRIPTION
RK1230
05350
12-Ton Remote-Powered Crimping Head, 1.2" (30 mm)
opening
RK1230C
07204
12-Ton Remote-Powered Crimping Head, 1.2" (30 mm)
opening, PVC covered
RK1240
05351
12-Ton Remote-Powered Crimping Head, 1.65" (42 mm)
opening
RK1240C
07205
12-Ton Remote-Powered Crimping Head, 1.65" (42 mm)
opening, PVC covered
RK1240K
05352
12-Ton Remote-Powered Crimping Head, Kearney head
RK1240KC
07207
12-Ton Remote-Powered Crimping Head, Kearney head,
PVC covered
Crimping Dies on page 171.
SPECIFICATIONS
Capacity
RK1230 & RK1240 – See crimping tool capacity chart on pg. 157;
RK1240K – ASCR terminals 1033 kcmil (MCM), ASCR tension fittings
477 kcmil (MCM)
Crimping Force
24,000 lbs (106 kN)
Length
RK1230 – 10-3/4" (273 mm); RK1240 – 11-7/8" (302 mm);
RK1240K – 12-1/4" (311 mm)
Weight
RK1230 – 8.7 lbs (3.9 kg); RK1240 & RK1240K – 9.7 lbs. (4.4 kg)
Max. Operating Pressure
10,000 psi (700 bar)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com