Electronic Components Datasheet Search
  English  ▼

X  

MA4 Datasheet(PDF) 47 Page - Greenlee Communications

Part # MA4
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

MA4 Datasheet(HTML) 47 Page - Greenlee Communications

Back Button MA4 Datasheet HTML 42Page - Greenlee Communications MA4 Datasheet HTML 43Page - Greenlee Communications MA4 Datasheet HTML 44Page - Greenlee Communications MA4 Datasheet HTML 45Page - Greenlee Communications MA4 Datasheet HTML 46Page - Greenlee Communications MA4 Datasheet HTML 47Page - Greenlee Communications MA4 Datasheet HTML 48Page - Greenlee Communications MA4 Datasheet HTML 49Page - Greenlee Communications MA4 Datasheet HTML 50Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
187
Insulated Wire Ferrules
• Terminate stranded wire into terminal blocks.
• Electrolytic copper and tin plating provide maximum conductivity
and low contact resistance.
SPECIFICATIONS
Material
Copper
Surface
Tin plated
Insulation
Polypropylene plastic
COLOR CODE: FRENCH STANDARD.
CONDUCTOR
DIMENSIONS
SIZE
CATALOG
UPC
INCHES (mm)
RECOMMENDED
AWG (mm2)
NUMBER
NUMBER COLOR
L1
L2
CRIMPING TOOLS
26
166 / 6
02971
Brown
.409 (10,4) .236 (6)
K1GL, K32GL
(0.14)
166 / 8
02972
.488 (12,4) .315 (8)
24
167 / 6
02973
Light
.433 (11)
.236 (6)
K1GL, K32GL,
(0.25)
167 / 8
02974
Yellow
.511 (13)
.315 (8)
K30GL
22
168 / 6
02975
Light
.433 (11)
.236 (6)
K1GL, K32GL,
(0.34)
168 / 8
02976
Green
.511 (13)
.315 (8)
K30GL
20
169 / 6
02977
White
.433 (11)
.236 (6)
K1GL, K32GL,
(0.5)
169 / 8
02978
.511 (13)
.315 (8)
K30GL
18
170 / 6
02979
Blue
.452 (11.5) .236 (6)
K1GL, K32GL,
(0.75)
170 / 8
02980
.531 (13.5) .315 (8)
K36GL, K30GL
18 - 17
171 / 6
02981
Red
.452 (11.5) .236 (6)
K1GL, K32GL,
(1)
171 / 8
02982
.531 (13.5) .315 (8)
K36GL
16
172 / 6
02983
Black
.452 (11.5) .236 (6)
K1GL, K32GL,
(1.5)
172 / 8
02984
.531 (13.5) .315 (8)
K36GL, K30GL
172 / 18
02985
*
.897 (22.8) .688 (17,5)
14
173 / 8
02986
Gray
.570 (14.5) .315 (8)
K1GL, K32GL,
(2.5)
173 / 18
02987
.945 (24)
.688 (17.5) K36GL, K30GL
12
174 / 12
02988
Orange
.681 (17.3) .452 (11.5) K32GL, K36GL,
(4)
174 / 18
02989
1.003 (25.5) .688 (17.5) K30GL
10
175 / 12
02990
Green
.787 (20)
.452 (11.5) K32GL, K34GL,
(6)
175 / 18
02991
1.024 (26)
.688 (17.5) K36GL, K30GL
8
176 / 12
02992
Brown
.843 (21.5) .471 (12)
K28GL, K34GL,
(10)
176 / 18
02993
1.062 (27)
.688 (17.5)
6
177 / 12
02994
Ivory
.925 (23.5) .471 (12)
K28GL, K34GL
(16)
177 / 18
02995
*
1.141 (29)
.688 (17.5)
4
178 / 18
02996
Black
1.181 (30)
.688 (17.5) K28GL
(25)
*Special order.
See pages 188, 189 for recommended ferrule crimping tools.
Insulated Twin Wire Ferrules
• Use to compress two separate conductors together in one ferrule to
make chain bridges easy to install.
• Electrolytic copper and tin plating provide maximum conductivity
and low contact resistance.
SPECIFICATIONS
Material
Copper
Surface
Tin plated
Insulation
Polypropylene plastic
CONDUCTOR
DIMENSIONS
SIZE
CATALOG
UPC
INCHES (mm)
RECOMMENDED
AWG (mm2)
NUMBER
NUMBER COLOR
L1
L2
CRIMPING TOOLS
2 x 20
869 / 8
02954
White
.591 (15)
.315 (8)
K32GL, K36GL,
(2 x 0.5)
K30GL
2 x 18
870 / 8
02955
Gray
.591 (15)
.315 (8)
K32GL, K36GL,
(2 x 0.75)
870 / 10
02956
.669 (17)
.394 (10)
K30GL
2 x 17
871 / 8
02957
Red
.591 (15)
.315 (8)
K32GL, K36GL,
(2 x 1)
871 / 10
02958
.669 (17)
.394 (10)
K30GL
2 x 15
872 / 8
02959
Black
.630 (16)
.315 (8)
K32GL, K36GL,
(2 x 1.5)
872 / 12
02960
.787 (20)
.471 (12)
K30GL
2 x 13
873 / 10
02961
Blue
.728 (18.5) .394 (10)
K32GL, K36GL,
(2 x 2.5)
873 / 13
02962
.846 (21.5) .512 (13)
K30GL
2 x 11
874 / 12
02963
Gray
.906 (23)
.471 (12)
K28GL, K34GL,
(2 x 4)
K36GL
2 x 10
875 / 14
02964
Yellow
1.024 (26)
.551 (14)
K28GL, K34GL,
(2 x 6)
2 x 7
876 / 14
02965
*
Red
1.024 (26)
.551 (14)
K28GL
(2 x 10)
2 x 5
877 / 14
02966
*
Blue
1.181 (30)
.551 (14)
K28GL
(2 x 16)
*Special order.
See pages 188, 189 for recommended ferrule crimping tools.
greenlee.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com