Electronic Components Datasheet Search
  English  ▼

X  

MA4 Datasheet(PDF) 10 Page - Greenlee Communications

Part # MA4
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

MA4 Datasheet(HTML) 10 Page - Greenlee Communications

Back Button MA4 Datasheet HTML 6Page - Greenlee Communications MA4 Datasheet HTML 7Page - Greenlee Communications MA4 Datasheet HTML 8Page - Greenlee Communications MA4 Datasheet HTML 9Page - Greenlee Communications MA4 Datasheet HTML 10Page - Greenlee Communications MA4 Datasheet HTML 11Page - Greenlee Communications MA4 Datasheet HTML 12Page - Greenlee Communications MA4 Datasheet HTML 13Page - Greenlee Communications MA4 Datasheet HTML 14Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
150
750H767 model with
767 Hand Pump
SPECIFICATIONS
Capacity
1000 kcmil (MCM) (500 mm2) copper or aluminum cable
Jaw opening
1-15/16" (49 mm)
Weight
750 – 25 lbs. (11.3 kg)
750F1725 – 40 lbs. (18.1 kg)
750H767 – 29 lbs. (13.2 kg)
750E975 – 84 lbs. (38.1 kg)
Hydraulic Cable Cutter Sets
• Cuts in 7 seconds. Jaws slide open quickly to save time between cuts.
• 11-ton (97 kN) ram powers cutting jaws. Jaws are specially hardened and
precision ground to hold sharpness.
• Lightweight and easy to use.
CAT. NO.
UPC NO.
DESCRIPTION
750
29149
Hydraulic Cable Cutter & Ram in Storage Box
750H767
17450
Hydraulic Cable Cutter with 767 Hand Pump, Ram,
Hydraulic Hose in Storage Box
750E975
34203
Hydraulic Cable Cutter with 975 Electric Pump, Ram,
Hydraulic Hose in Storage Box
751
22279
Hydraulic Cable Cutter Head for use with Greenlee 746
Hydraulic Ram Also order 51385 Elbow (see below).
746C
17451
Ram Unit
23955
23955
Steel Storage Box
51385
51385
Elbow for 746 Ram
17459
17459
Replacement Cutter Blade
CAT. NO.
UPC NO.
DESCRIPTION
HK520
08031
Hydraulic ACSR Cable Cutter
00336
00336
Cutter Blade
00301
00301
Fixed Cutter Head
Hydraulic ACSR Cable Cutter
• Flip open head provides strength while making it easy to cut long lengths.
• Head rotates 180°.
• Thumb release lever for quick blade retraction.
SPECIFICATIONS
Capacity
Aluminum and Copper Cable, ACSR: 3/4" (19 mm)
Standard Guy Wire, Ground Rod, Rebar: 1/2" (13 mm)
Soft Steel Bolts: 11/16" (17 mm)
Wire Rope: 3/4" (19 mm)
Length
14.5" (368 mm)
Weight
5.7 lbs. (2.6 kg)
Hydraulic Communications Cable Cutter Head
• Easily cuts large diameter communication cable and underground
distribution cable.
• Swiveling handle allows for quick positioning for cuts.
• 3/8" male screw type coupler.
• See page 333 for hydraulic hose and pump selection.
CAT. NO.
UPC NO.
DESCRIPTION
SDK202GL
03137
Hydraulic Communications Cable Cutter Head
SPECIFICATIONS
Capacity
3-1/2" (90 mm) diameter Al or Cu cable
Weight
27.5 lb. (12.5 kg).
Length
18-7/8" (480 mm)
Maximum Operating Pressure
10,000 psi (700 bar)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com