Electronic Components Datasheet Search
  English  ▼

X  

MA4 Datasheet(PDF) 35 Page - Greenlee Communications

Part # MA4
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

MA4 Datasheet(HTML) 35 Page - Greenlee Communications

Back Button MA4 Datasheet HTML 31Page - Greenlee Communications MA4 Datasheet HTML 32Page - Greenlee Communications MA4 Datasheet HTML 33Page - Greenlee Communications MA4 Datasheet HTML 34Page - Greenlee Communications MA4 Datasheet HTML 35Page - Greenlee Communications MA4 Datasheet HTML 36Page - Greenlee Communications MA4 Datasheet HTML 37Page - Greenlee Communications MA4 Datasheet HTML 38Page - Greenlee Communications MA4 Datasheet HTML 39Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
175
ALL 1230 & 1240 TOOLS* – COPPER COLOR-CODED LUGS AND SPLICES
CABLE SIZE
COLOR CODE
GREENLEE
BURNDY
T & B
ILSCO
HUSKIE
PANDUIT
BLACKBURN
PENN-UNION
8 AWG
Red
07378
U8CRT
15520
ILD-1
CD-920-8
B71CH
6 AWG
Blue
35776
U5CRT
15522
ILD-2
HT41AT
CD-920-6
B73CH
T-7/374
U8CABT
5 AWG
Blue
U5CRT
4 AWG
Gray
35777
U4CRT
15527
ILD-3
HT41AU
CD-920-4
B74CH
T-8/346
U6CABT
3 AWG
White
NA
U3CRT
2 AWG
Brown
35778
U2CRT
15528
ILD-4
HT41AW
CD-920-2
B75CH
T-9
1 AWG
Green
35779
U1CRT
15513
ILD-4
HT41AX
CD-920-1
B05CH
T-10
4UCABT
1/O AWG
Pink
35780
U25RT
15508
ILD-5
HT41AY
CD-920-1/0
B06CHI
T-11/375
U2CABT
2/O AWG
Black
35781
U26RT
15526
ILD-6
HT41AZ
CD-920-2/0
B72CH
T-12/348
3/O AWG
Orange
35782
U27RT
15530
ILD-9
HT41BA
CD-920-3/0
B08CH
T-13
4/O AWG
Purple
35783
U28RT
15511
ILD-10
HT41BC
CD-920-4/0
B09CH
T-14
250 kcmil (MCM)
Yellow
35784
U29RT
15510
ILD-11
HT41BE
CD-920-250
B26CH
T-15
300 kcmil (MCM)
White
35785
U30RT
15534
ILD-12
HT41BF
CD-920-300
B10CH
T-16
U28ART
350 kcmil (MCM)
Red
35786
U31RT
15512
ILD-13
HT41BJ
CD-920-350
B11CH
T-17
U29ART
400 kcmil (MCM)
Blue
35787
U32RT
15512
ILD-14
HT41BK
CD-920-400
B11CH
T-18/324
U30ART
500 kcmil (MCM)
Brown
35788
U34RT
15506
ILD-15
HT41BL
CD-920-500
B12CH
T-19/470
U31ART
600 kcmil (MCM)
Green
35789
U36RT
ILD-16
HT41BM
CD920-600
B36CH
T-20/299
U32ART
700 kcmil (MCM)
Pink
NA
U38RT
15505
ILD-16
T-20/299
750 kcmil (MCM)
Black
07379
U39RT
15515
ILD-17
HT41BP
CD-920-750
B29CH
T-22/472
Notes for all 12-ton dies: * All 12-ton dies shown can be used with all 1230 and 1240 Greenlee tools up to the capacity limits of the tool.
Crimping Die Cross Reference
greenlee.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com