Electronic Components Datasheet Search
  English  ▼

X  

MA4 Datasheet(PDF) 33 Page - Greenlee Communications

Part # MA4
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

MA4 Datasheet(HTML) 33 Page - Greenlee Communications

Back Button MA4 Datasheet HTML 29Page - Greenlee Communications MA4 Datasheet HTML 30Page - Greenlee Communications MA4 Datasheet HTML 31Page - Greenlee Communications MA4 Datasheet HTML 32Page - Greenlee Communications MA4 Datasheet HTML 33Page - Greenlee Communications MA4 Datasheet HTML 34Page - Greenlee Communications MA4 Datasheet HTML 35Page - Greenlee Communications MA4 Datasheet HTML 36Page - Greenlee Communications MA4 Datasheet HTML 37Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
173
CAT. NO.
UPC NO.
DESCRIPTION
TC1KIT
01340
TC1 Unit
MA4
02086
Adapter for EK410
MA22
06576
Adapter for EK22GL, CK22GL, CCX
MAVP
01341
Adapter for Quad-Point
MA120
06577
Adapter for 1230, 1240
TF70
06574
Sensor for EK410, EK22GL, CCX, Quad-Point
TF130
06575
Sensor for 1230, 1240
ADAPTER AND SENSING UNIT CHART
CRIMPING TOOL
ADAPTER
SENSOR
EK410
MA4
TF70
EK22GL, CK22GL,
MA22
TF70
All CCX Tools
All Quad-Point Tools
MAVP
TF70
All 1230 and 1240 Tools
MA120
TF130
CAT. NO.
UPC NO.
DESCRIPTION
EAC120
01675
AC Adapter, 120V
EAC230
01680
AC Adapter, 230V
SPECIFICATIONS
EAC120
EAC230
Input 120 V AC 60 Hz 150W
Input 230 V AC 50 Hz 150W
Output 12 V DC 6.5A
Output 12 V DC 6.5A
Weight 1.6 lb (0.7 kg)
Weight 1.6 lb (0.7 kg)
AC Adapters for Battery-Powered Tools
• Operates all Greenlee battery-powered tools except the ES750, EK210,
and EK410.
• Easily converts Greenlee battery-powered tools to corded tools.
• Same physical size and shape as Greenlee batteries providing unlimited
run-time without additional weight or bulk.
• Long 16.5 foot cord allows mobility. Can also be used with an extension
cord.
• Provides the same power as a battery to the tools for consistent operating
performance.
greenlee.com
Crimping Tool Test Meter
• Electronically measures the force output of crimping tools.
• Data can be transferred to computer files to develop tool histories.
• To take measurements, one TC1KIT, one tool adapter, and one sensor are
required.
• TC1 is battery powered and can be used in remote locations.
• Includes TC1 measuring unit, 120 volt battery charger, carrying case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com