Electronic Components Datasheet Search
  English  ▼

X  

22934 Datasheet(PDF) 26 Page - Greenlee Communications

Part # 22934
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

22934 Datasheet(HTML) 26 Page - Greenlee Communications

Back Button 22934 Datasheet HTML 22Page - Greenlee Communications 22934 Datasheet HTML 23Page - Greenlee Communications 22934 Datasheet HTML 24Page - Greenlee Communications 22934 Datasheet HTML 25Page - Greenlee Communications 22934 Datasheet HTML 26Page - Greenlee Communications 22934 Datasheet HTML 27Page - Greenlee Communications 22934 Datasheet HTML 28Page - Greenlee Communications 22934 Datasheet HTML 29Page - Greenlee Communications 22934 Datasheet HTML 30Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
166
*FT tools are UL and cUL classified with #4AWG – 750 kcmil (MCM) copper color-coded connectors
and #6AWG – 750 kcmil (MCM) aluminum color-coded connectors of the following brands:
Anderson, Blackburn, FCI Burndy, Ilsco, Panduit, Penn-Union, and Thomas & Betts.
AT tools are UL and cUL classified with #4 – 500 kcmil (MCM) copper color-coded connectors
...of the following brands: Anderson, Blackburn, FCI Burndy, ILSCO, Panduit, Penn-Union, &
Thomas & Betts.
*FT tools are UL and cUL classified with #4AWG – 750 kcmil (MCM) copper color-coded connectors
and #6AWG – 750 kcmil (MCM) aluminum color-coded connectors of the following brands:
Anderson, Blackburn, FCI Burndy, Ilsco, Panduit, Penn-Union, and Thomas & Betts.
AT tools are UL and cUL classified with #4 – 500 kcmil (MCM) copper color-coded connectors
...of the following brands: Anderson, Blackburn, FCI Burndy, ILSCO, Panduit, Penn-Union, &
Thomas & Betts.
HK06FT
HK06AT
Gator-Plus™ Quad-Point Dieless Crimping Tools*
• Operates directly from 120 volt or 230 volt 50 Hz electrical outlets. No
need to charge batteries or worry about running out of power.
• Equipped with 15 foot (5 m) cord. Can be used with extension cords.
• 6.2-ton capacity. Utilizes four indentors to make the crimp.
• Two-speed pump advances the ram quickly to start the crimp, reducing
crimp completion time. The ram automatically retracts after the crimp
is complete.
• Lightweight, featuring an angled pistol grip and a 360° rotating head.
• Flip-top style uses a pull pin to open head for easy removal from
the connector.
• Includes steel carrying case, test gauge and test slugs.
• U.S. Patent 6,206,663.
CAT. NO.
UPC NO.
DESCRIPTION
CK06AT11
01377
Corded Quad-Point Crimping Tool, Open Head, 120 V
CK06AT22
01378
Corded Quad-Point Crimping Tool, Open Head, 230 V
CK06FT11
01380
Corded Quad-Point Crimping Tool, Flip-Top Head, 120 V
CK06FT22
01381
Corded Quad-Point Crimping Tool, Flip-Top Head, 230 V
SPECIFICATIONS
Capacity
See crimping tool capacity chart on page 157.
Crimping Force
6.2 tons (55 kN)
Length
CK60AT – 14 in. (355 mm), CK60FT – 14-7/8 in. (378 mm)
Weight
CK60AT – 11.1 lbs. (5.0 kg), CK60FT – 10.8 lbs. (4.9 kg)
Operating Voltage CK60AT11 – 120 volts, CK60AT22 – 230 volts
CK60ATC11 – 120 volts, CK60ATC22 – 230 volts
CK60FT11 – 120 volts, CK60FT22 – 230 volts
Manual Hydraulic Quad-Point Dieless Crimping Tools*
• Utilize four indentors to make the crimp.
• Two-speed pump advances the ram quickly to start the crimp, reducing
crimp completion time. The ram automatically retracts after the crimp
is complete.
• Flip-top style uses a pull pin to open head for easy removal from the
connector.
• Compact, featuring a 360° rotating head.
• Includes steel carrying case, test gauge and test slugs.
• U.S. Patent 6,206,663.
CAT. NO.
UPC NO.
DESCRIPTION
HK06AT
06065
Hydraulic Quad-Point Crimping Tool, Open Head Dieless
HK06ATC
06201
Hydraulic Quad-Point Crimping Tool, Open Rubber
Covered Head Dieless
HK06FT
06196
Hydraulic Quad-Point Crimping Tool, Flip-Top Dieless
SPECIFICATIONS
Capacities
See crimping tool capacity chart on page 157.
Length
HK60AT – 20-3/4 in. (525 mm), HK60FT – 21-1/16 in. (535 mm)
Weight
9.0 lbs. (4.1 kg)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com