Electronic Components Datasheet Search
  English  ▼

X  

22934 Datasheet(PDF) 42 Page - Greenlee Communications

Part # 22934
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

22934 Datasheet(HTML) 42 Page - Greenlee Communications

Back Button 22934 Datasheet HTML 38Page - Greenlee Communications 22934 Datasheet HTML 39Page - Greenlee Communications 22934 Datasheet HTML 40Page - Greenlee Communications 22934 Datasheet HTML 41Page - Greenlee Communications 22934 Datasheet HTML 42Page - Greenlee Communications 22934 Datasheet HTML 43Page - Greenlee Communications 22934 Datasheet HTML 44Page - Greenlee Communications 22934 Datasheet HTML 45Page - Greenlee Communications 22934 Datasheet HTML 46Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
182
CAT. NO.
UPC NO.
DESCRIPTION
1927
06851
Stripping/Crimping Combination Tool
Stripping/Crimping Combination Tool
• Pliers nose avoids having to switch tools for gripping tasks.
• Extra-narrow nose for getting into tight boxes.
• Machined stripping stations with a positive stop provide precise
stripping diameters.
• Wire looping holes in jaw.
• Long curved cutter blades reduce force required by 25% and can cut NM
in single cut.
• Screw cutting stations are collapsed around the pivot – 20% less force
is required.
• Smooth, rounded pivot bolt won’t catch in tool pouch or on other tools.
• Easy-to-read graphics.
• Comfortable, cushioned grips.
SPECIFICATIONS
Strips
10-22 AWG solid and stranded
Crimps
10-22 AWG insulated and non-insulated terminals
Cuts
#4-40, #5-40, #6-32, #8-32, #10-24 and #10-32 screws
Length
8-1/8" (206 mm)
CAT. NO.
UPC NO.
DESCRIPTION
1923
06850
Crimping/Stripping Combination Tool
Crimping/Stripping Combination Tool
• Up-front cutter for snipping hard-to-reach wires.
• Narrow nose for getting into tight boxes.
• Wire looping holes in jaw.
• Screw cutting stations are collapsed around the pivot – 20% less force
is required.
• Machined stripping stations with a positive stop provide precise
stripping diameters.
• Long curved cutter blades reduce force required by 25% and can cut NM
in single cut.
• Smooth, rounded pivot bolt won’t catch in tool pouch or on other tools.
• Easy-to-read graphics.
• Comfortable, cushioned grips.
SPECIFICATIONS
Strips
8-18 AWG solid, 10-22 AWG stranded
Crimps
10-22 AWG insulated and non-insulated terminals
Cuts
#4-40, #6-32, #8-32, #10-24 and #10-32 screws
Length
8-1/2" (216 mm)
The Terminators® Combination Tool
• Crimp, strip and cut wire with a single tool, also cut and rethread screws.
• Hardened alloy steel with black oxide finish.
• Pivot joints have hardened steel bushings.
• New, softer grips.
• Precision ground blades for fast, easy and consistent wire stripping
and cutting.
SPECIFICATIONS
Capacity
PVC or THHN insulation
Cut
– 22 - 10 AWG (.34 mm2 - 6 mm2)
Strip – 22 - 10 AWG (.34 mm2 - 6 mm2)
Crimp – insulated and uninsulated, 22 - 10 AWG (.34 mm2 - 6 mm2)
Terminals and Splices; 7 and 8 mm Ignition Terminals
Screws – Cut & Rethread, 10-24, 10-32, 8-32, 6-32 and 4-40
Length
8-5/8" (220 mm)
Weight
.5 lb. (225 g)
CAT. NO.
UPC NO.
DESCRIPTION
1921
31888
The Terminators® Combination Tool



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com