Electronic Components Datasheet Search
  English  ▼

X  

22934 Datasheet(PDF) 37 Page - Greenlee Communications

Part # 22934
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

22934 Datasheet(HTML) 37 Page - Greenlee Communications

Back Button 22934 Datasheet HTML 33Page - Greenlee Communications 22934 Datasheet HTML 34Page - Greenlee Communications 22934 Datasheet HTML 35Page - Greenlee Communications 22934 Datasheet HTML 36Page - Greenlee Communications 22934 Datasheet HTML 37Page - Greenlee Communications 22934 Datasheet HTML 38Page - Greenlee Communications 22934 Datasheet HTML 39Page - Greenlee Communications 22934 Datasheet HTML 40Page - Greenlee Communications 22934 Datasheet HTML 41Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
177
CCX, EK22GL, CK22GL – COPPER C-TAPS FOR COPPER CABLES
RUN
TAP
GREENLEE1
BURNDY2
T&B3
ILSCO2
HUSKIE2
PANDUIT2
BLACKBURN3
10 AWG
10AWG
W238
HT58DG
8 AWG
8 AWG
KD6-15
W162
HT58BZ
BY21
4-6 AWG
8 AWG
KD6-10
WBG
ND-BG
HT58G
CD-2001-BG
BY31
4-6 AWG
6 AWG
KD6-10
WBG
ND-BG
HT58G
CD-2001-BG
BY31
4-6 AWG
4 AWG
KD6-10
WBG
ND-BG
HT58G
CD-2001-BG
BY31
2-3 AWG
4-8 AWG
KD6-12
WC
ND-C
HT58J
CD-2001-C
BY33
2-3 AWG
2-3 AWG
KD6-12
WC
ND-C
HT58J
CD-2001-C
BY33
1/O-2/O AWG
8-2 AWG
KD6-11
WO
HT58AK
OJB
1/O-2/O AWG
1/0-2/0 AWG
KD6-11
WO
HT58AK
OJB
3/O-4/O AWG
6-2 AWG
D3 (w/tool)
DBL
3/O-4/O AWG
1/0-2/0 AWG
D3 (w/tool)
3/O-4/O AWG
3/0-4/0 AWG
D3 (w/tool)
Notes for 6-ton dies:
1 Can be used with 22 Series and CCX tools. Use UA22 die adapters with CCX. Use without adapters with 22 Series.
2 Can be used with 22 Series and CCX tools. Use UAW die adapters with CCX. Use with W die adapters with 22 Series.
3 Can be used with CCX tools only. Cannot be used with 22 Series tools. Use UAK die adapters with CCX.
Crimping Die Cross Reference
ALL 1230 & 1240 TOOLS* – COPPER C-TAPS FOR COPPER CABLES
RUN
TAP
GREENLEE
BURNDY
T & B
ILSCO
HUSKIE
PANDUIT
BLACKBURN
PENN-UNION
10 AWG
10 AWG
KD12-35
U238
HT41DG
8 AWG
8 AWG
KD12-15
U162
HT41BZ
B71AH
4-6 AWG
8 AWG
KD12-10
UBG
HT41G
CD-920-BG
B58CS
T-BG
4-6 AWG
6 AWG
KD12-10
UBG
HT41G
CD-920-BG
B58CS
T-BG
4-6 AWG
4 AWG
KD12-10
UBG
HT41G
CD-920-BG
B58CS
T-BG
2-3 AWG
4-8 AWG
KD12-12
UC
ILD-C
HT41J
CD-920-C
HKBC
2-3 AWG
2-3 AWG
KD12-12
UC
ILD-C
HT41J
CD-920-C
HKBC
1/0-2/0 AWG
8-2 AWG
KD12-11
UO
ILD-O
HT41AK
HO
T-O
1/0-2/0 AWG
1/0-2/0 AWG
KD12-11
UO
ILD-O
HT41AK
HO
T-O
3/0-4/0 AWG
6-2 AWG
KD12-30
UD3
ILD-D3
HT41X
CD-920-D3
HD
T-D3
3/0-4/0 AWG
1/0-2/0 AWG
KD12-30
UD3
ILD-D3
HT41X
CD-920-D3
HD
T-D3
3/0-4/0 AWG
3/0-4/0 AWG
KD12-30
UD3
ILD-D3
HT41X
CD-920-D3
HD
T-D3
Notes for all 12-ton dies: * All 12-ton dies shown can be used with all 1230 and 1240 Greenlee tools up to the capacity limits of the tool.
Crimping Die Cross Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com