Electronic Components Datasheet Search
  English  ▼

X  

22934 Datasheet(PDF) 36 Page - Greenlee Communications

Part # 22934
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

22934 Datasheet(HTML) 36 Page - Greenlee Communications

Back Button 22934 Datasheet HTML 32Page - Greenlee Communications 22934 Datasheet HTML 33Page - Greenlee Communications 22934 Datasheet HTML 34Page - Greenlee Communications 22934 Datasheet HTML 35Page - Greenlee Communications 22934 Datasheet HTML 36Page - Greenlee Communications 22934 Datasheet HTML 37Page - Greenlee Communications 22934 Datasheet HTML 38Page - Greenlee Communications 22934 Datasheet HTML 39Page - Greenlee Communications 22934 Datasheet HTML 40Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
176
CCX, EK22GL, CK22GL – ALUMINUM COLOR-CODED LUGS AND SPLICES
CABLE SIZE
COLOR CODE
GREENLEE1
BURNDY2
T&B3
ILSCO2
HUSKIE2
PANDUIT2
BLACKBURN3
8 AWG
Blue
KA22-8
X8CART
6TON24
BY17C
6 AWG
Gray
KA-22
X6CART
6TON29
CD-2001-4
BY19C
4 AWG
Green
KA22-4
X4CART
6TON37
CD-2001-1
BY53C
2 AWG
Pink
KA22-2
X2CART
6TON42
CD-2001-1/0
BY23C
1 AWG
Gold
KA22-1
X1CART
6TON45
CD-2001-2/0
BY24C
1/O AWG
Tan
KA22-1/0
X25ART
6TON50
CD-2001-3/0
BY25C
2/O AWG
Olive
KA22-2/0
X26ART
6TON54
CD-2001-4/0
BY31C
3/O AWG
Ruby
KA22-3/0
X27ART
6TON60
CD-2001-250
BY32C
4/O AWG
White
KA22-4/0
X28ART
6TON66
CD-2001-300
BY35C
250 kcmil (MCM)
Red
KA22-250
6TON71
CD-2001-350
BY37C
300 kcmil (MCM)
Blue
KA22-300
6TON76
CD-2001-400
BY35C
350 kcmil (MCM)
Brown
KA22-350
6TON87
BY37C
Notes for 6-ton dies:
1 Can be used with 22 Series and CCX tools. Use UA22 die adapters with CCX. Use without adapters with 22 Series.
2 Can be used with 22 Series and CCX tools. Use UAW die adapters with CCX. Use with W die adapters with 22 Series.
3 Can be used with CCX tools only. Cannot be used with 22 Series tools. Use UAK die adapters with CCX.
Crimping Die Cross Reference
ALL 1230 & 1240 TOOLS* – ALUMINUM COLOR-CODED LUGS AND SPLICES
CABLE SIZE
COLOR CODE
GREENLEE
BURNDY
T & B
ILSCO
HUSKIE
PANDUIT
BLACKBURN
PENN-UNION
8 AWG
Blue
35776
U8CABT
15522
ILD-2
HT41GL
B73CH
T-7/374
6 AWG
Gray
35777
U6CABT
15527
ILD-3
HT41GE
CD-920-4
B74CH
T-8/346
4 AWG
Green
35779
U4CABTQ
15513
ILD-4
HT41GM
CD-920-1
B05CH
T-11/375
2 AWG
Pink
35780
U2CABT
15508
ILD-7
HT41GF
CD-920-1/0
B06CHI
T-12/348
1 AWG
Gold
35791
U1CART
15526
ILD-7
CD-920-2/0
B06CHI
T-471
1/O AWG
Tan
35792
U25ART
15530
ILD-8
HT41EX
CD-920-3/0
B06CH
T-296
2/O AWG
Olive
35793
U26ART
15511
ILD-10
HT41EY
CD-920-4/0
B09CH
T-297
3/O AWG
Ruby
35794
U27ART
15532
ILD-10
HT41GW
CD-920-250
B26CH
T-467
4/O AWG
White
35785
U28ART
15534
ILD-12
HT41EZ
CD-920-300
B10CHI
T-298
250 kcmil (MCM)
Red
35786
U29ART
15514
ILD-13
HT41FW
CD-920-350
B11CH
T-18/324
300 kcmil (MCM)
Blue
35787
U30ART
15512
ILD-14
HT41GZ
CD-920-400
B11CH
T-19/470
350 kcmil (MCM)
Brown
35788
U31ART
15506
ILD-14
HT41FA
CD-920-500
B12CHI
T-20/299
400 kcmil (MCM)
Green
35789
U32ART
15536
ILD-16
HT41HH
CD-920-600
B36CH
T-22/472
500 kcmil (MCM)
Pink
35795
U34ART
15505
ILD-16A
HT41FB
CD-920-500A
B76CH
T-300
600 kcmil (MCM)
Black
35790
U36ART
15515
ILD-17
HT41HG
CD920-750
T-24/473
700 kcmil (MCM)
Yellow
U39ART
ILD-17
HT41IJ
750 kcmil (MCM)
Yellow
35796
U39ART
15504
ILD-18
HT41IJ
Notes for all 12-ton dies: * All 12-ton dies shown can be used with all 1230 and 1240 Greenlee tools up to the capacity limits of the tool.
Crimping Die Cross Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com