Electronic Components Datasheet Search
  English  ▼

X  

22934 Datasheet(PDF) 30 Page - Greenlee Communications

Part # 22934
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

22934 Datasheet(HTML) 30 Page - Greenlee Communications

Back Button 22934 Datasheet HTML 26Page - Greenlee Communications 22934 Datasheet HTML 27Page - Greenlee Communications 22934 Datasheet HTML 28Page - Greenlee Communications 22934 Datasheet HTML 29Page - Greenlee Communications 22934 Datasheet HTML 30Page - Greenlee Communications 22934 Datasheet HTML 31Page - Greenlee Communications 22934 Datasheet HTML 32Page - Greenlee Communications 22934 Datasheet HTML 33Page - Greenlee Communications 22934 Datasheet HTML 34Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
170
6-TON CRIMPING KITS*
CAT. NO.
UPC NO.
DESCRIPTION
K22S1GL
03078
Die Kit for #8-600 Copper Connectors – Includes all
copper die sets listed below and carrying case
KD06AL
01631
Die Kit for #8-350 Aluminum Connectors – Includes all
die sets listed below and carrying case
DIES FOR CRIMPING COLOR-CODED COPPER & ALUMINUM LUGS & SPLICES*
(Require UA22 adapter when used with ECCX, CCCX, HCCX, & RCCX tools)
22 SERIES CRIMPING DIES
ALUMINUM
COPPER
CABLE SIZE
CAT. NO.
UPC NO.
COLOR
CAT. NO.
UPC NO.
COLOR
8 AWG
KA22-8
06744
Blue
K22-0
03079
Red
6 AWG
KA22-6
06745
Gray
K22-1
03080
Blue
4 AWG
KA22-4
06746
Green
K22-2
03081
Gray
2 AWG
KA22-2
06747
Pink
K22-3
03082
Brown
1 AWG
KA22-1
06749
Gold
K22-31
03083
Green
1/0 AWG
KA22-1/0
06750
Tan
K22-4
03084
Pink
2/0 AWG
KA22-2/0
06751
Olive
K22-5
03085
Black
3/0 AWG
KA22-3/0
06752
Ruby
K22-6
03086
Orange
4/0 AWG
KA22-4/0
06753
White
K22-7
03087
Purple
250 kcmil (MCM)
KA22-250
06754
Red
K22-8
03088
Yellow
300 kcmil (MCM)
KA22-300
06755
Blue
K22-9
03089
White
350 kcmil (MCM)
KA22-350
06756
Brown
K22-10
03090
Red
400 kcmil (MCM)
—
—
—
K22-11
03091
Blue
500 kcmil (MCM)
—
—
—
K22-12
03092
Brown
600 kcmil (MCM)
—
—
—
K22-13
03093
Green
DIES FOR USE WITH SERVICE ENTRANCE CONNECTORS, C-TAPS, H-TAPS, OVERHEAD AND
UNDERGROUND CONNECTORS (Require UAW adapter when used with ECCX, CCCX, HCCX,
& RCCX tools)
“W”-STYLE DIES
CAT. NO.
UPC NO.
BURNDY NO.
CAT. NO.
UPC NO.
BURNDY NO.
KD6-10
10165
W-BG
KD6-19
10174
W-243
KD6-11
10166
W-O
KD6-20
10175
W-247
KD6-12
10167
W-C
KD6-21
10176
W-249
KD6-14
10169
W-161
KD6-22
10177
W-164
KD6-15
10170
W-162
KD6-24
10179
W-237
KD6-16
10171
W-163
KD6-25
10180
W-239
KD6-18
10173
W-166
KD6-27
10182
W-28K
*Note: Connections are UL classified for copper and aluminum, CSA certified for copper and ULC classified for aluminum when used with Greenlee tools on Anderson
®, Blackburn®,FCI
Burndy
®, ILSCO®, Panduit®, Thomas & Betts® and Penn-Union® color-coded lugs and splices.
Crimping Dies for 6-Ton Tools
All dies on this page for use with ECCX, EK22GL, CCCX, CK22GL, HCCX, and
RCCX tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com