Electronic Components Datasheet Search
  English  ▼

X  

22934 Datasheet(PDF) 28 Page - Greenlee Communications

Part # 22934
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

22934 Datasheet(HTML) 28 Page - Greenlee Communications

Back Button 22934 Datasheet HTML 24Page - Greenlee Communications 22934 Datasheet HTML 25Page - Greenlee Communications 22934 Datasheet HTML 26Page - Greenlee Communications 22934 Datasheet HTML 27Page - Greenlee Communications 22934 Datasheet HTML 28Page - Greenlee Communications 22934 Datasheet HTML 29Page - Greenlee Communications 22934 Datasheet HTML 30Page - Greenlee Communications 22934 Datasheet HTML 31Page - Greenlee Communications 22934 Datasheet HTML 32Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
168
Utility Dieless Crimping Tool
• Self-contained hydraulic crimper/press designed to crimp compression
sleeves and lugs in underground applications.
• Dieless crimping head, no dies to lose or replace.
• Automatic pressure setting, easy to use.
• Two speed pump for rapid ram advance, 15 ton (133.4 kN) maximum
crimping force.
• Hinged head opens for easy loading and unloading.
• Head rotates 180°.
• Includes Pressure Test Kit and steel carrying case.
SPECIFICATIONS
Capacity
Copper – 1/0 - 1000 kcmil (MCM)
Aluminum – 1/0 - 1000 kcmil (MCM)
For use with connectors up to a maximum of 1.895" (48 mm) diameter
Weight
16.5 lbs. (7.5 kg)
Dieless Crimping Tool to 1000 kcmil (MCM)
• Dieless crimping head, no dies to lose or replace.
• Patented pressure system automatically changes crimping force for
each connector size/type. Eliminates errors.
• Seven indent profile requires fewer crimps per connector.
• Automatic two speed pump for rapid advance.
• 15 ton (133.4 kN) maximum crimping force.
• Swivel head rotates 180° for maximum flexibility.
• Hinged head for easy connector loading and unloading.
• Includes Pressure Test Kit and steel carrying case.
• Not for use with “C” and “H” taps.
SPECIFICATIONS
Capacity Copper – #4 AWG - 1000 kcmil (MCM)
Aluminum – # 6 AWG - 1000 kcmil (MCM)
(see chart on page 147)
For use with connectors up to a maximum of 1.815" (46.10 mm) diameter
Length
26.5 in. (673 mm);
Weight 16.5 lbs. (7.5 kg)
CAT. NO.
UPC NO.
DESCRIPTION
1990
32489
Dieless Crimping Tool to 1000 kcmil (MCM)
32891
32891
Replacement Pressure Test Kit includes
30 Test Slugs and Gauge
CAT. NO.
UPC NO.
DESCRIPTION
44999
44999
Utility Dieless Crimping Tool
32891
32891
Replacement Pressure Test Kit includes
30 Test Slugs and Gauge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com