Electronic Components Datasheet Search
  English  ▼

X  

22934 Datasheet(PDF) 48 Page - Greenlee Communications

Part # 22934
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

22934 Datasheet(HTML) 48 Page - Greenlee Communications

Back Button 22934 Datasheet HTML 42Page - Greenlee Communications 22934 Datasheet HTML 43Page - Greenlee Communications 22934 Datasheet HTML 44Page - Greenlee Communications 22934 Datasheet HTML 45Page - Greenlee Communications 22934 Datasheet HTML 46Page - Greenlee Communications 22934 Datasheet HTML 47Page - Greenlee Communications 22934 Datasheet HTML 48Page - Greenlee Communications 22934 Datasheet HTML 49Page - Greenlee Communications 22934 Datasheet HTML 50Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
188
CAT. NO.
UPC NO.
DESCRIPTION
K34GL
02638
Wire Ferrule Crimper
CAT. NO.
UPC NO.
DESCRIPTION
K36GL
02639
Wire Ferrule Crimper
CAT. NO.
UPC NO.
DESCRIPTION
K32GL
02637
Wire Ferrule Crimper
Wire Ferrule Crimping Tool 26 – 13 AWG
• Makes trapezoidal crimps.
• Includes cutter and replaceable stripper blade set.
CAT. NO.
UPC NO.
DESCRIPTION
K1GL
02633
Wire Ferrule Crimper
SPECIFICATIONS
Range
26 - 13 AWG (.14 - 2.5 mm2)
Length
6.9" (175 mm)
Weight
.4 lbs. (0.2 kg)
Wire Ferrule Crimping Tool 20 – 13 AWG
• Crimps single and twin cable wire ferrules.
• End loading type tool that makes trapezoidal crimps.
SPECIFICATIONS
Range
Single cable wire ferrules: 20 - 13 AWG ( .5 - 2.5 mm2)
Twin wire ferrules:
2 x 20 - 2 x 15 AWG ( 2 x .5 - 2 x 1.5 mm2)
Length
7.90" (200 mm)
Weight
.5 lbs. (0.2 kg)
Wire Ferrule Crimping Tool 26 – 10 AWG
• Makes trapezoidal crimps with full cycle ratchet mechanism to assure
complete crimps.
• Crimps single and twin cable wire ferrules.
• Adjusts automatically to correct crimp size.
SPECIFICATIONS
Range
Single cable wire ferrules: 26 - 10 AWG (.14 - 6 mm2)
Twin wire ferrules:
2 x 20 - 2 x 13 AWG (2 x .5 - 2 x 2.5 mm2)
Length
8.4" (213 mm)
Weight
1.1 lbs. (.4 kg)
Wire Ferrule Crimping Tool 10 – 6 AWG
• Makes trapezoidal crimp with full cycle ratchet mechanism to assure
complete crimps.
• Crimps single and twin cable wire ferrules.
• Adjusts automatically to correct crimp size.
SPECIFICATIONS
Range
Single cable wire ferrules: 10 - 6 AWG (6 - 16 mm2)
Twin wire ferrules:
2 x 11 - 2 x 10 AWG (2 x 4 - 2 x 6 mm2)
Length
8.9" (225 mm)
Weight
1.1 lbs. (0.4 kg)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com