Electronic Components Datasheet Search
  English  ▼

X  

33991 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33991
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33991 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33991 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33991
PIN CONNECTIONS
15
RST
Reset. If the master decides to reset the device, or place it into a sleep state, the RST pin is driven to a
logic 0. A logic 0 on the RST pin will force all internal logic to the known default state. This input has an
internal active pull-up.
16
V
PWR
Battery Voltage. Power supply.
17 - 20
GND
Ground. These pins serve as the ground for the source of the low-side output transistors as well as the
logic portion of the device. They also help dissipate heat from the device.
21
SIN1-
H-Bridge Output. This is the output pin of a half bridge, designed to source or sink current. The H-Bridge
pins linearly drive the sine and cosine coils of two separate stepper motors to provide four-quadrant
operation.
22
SIN1+
H-Bridge Output. This is the output pin of a half bridge, designed to source or sink current. The H-Bridge
pins linearly drive the sine and cosine coils of two separate stepper motors to provide four-quadrant
operation.
23
COS1-
H-Bridge Output. This is the output pin of a half bridge, designed to source or sink current. The H-Bridge
pins linearly drive the sine and cosine coils of two separate stepper motors to provide four-quadrant
operation.
24
COS1+
H-Bridge Output. This is the output pin of a half bridge, designed to source or sink current. The H-Bridge
pins linearly drive the sine and cosine coils of two separate stepper motors to provide four-quadrant
operation.
Table 1. 33991 Pin Definitions (continued)
Pin Number
Pin Name
Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com