Electronic Components Datasheet Search
  English  ▼

X  

33991 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33991
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33991 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33991 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33991
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
SPI TIMING INTERFACE
Recommended Frequency of SPI Operation
fSPI
—
1.0
3.0
MHz
Falling edge of CS to Rising Edge of SCLK (Required Setup Time)(15)
TLEAD
—
50
167
ns
Falling edge of SCLK to Rising Edge of CS (Required Setup Time) (15)
TLAG
—
50
167
ns
SI to Falling Edge of SCLK (Required Setup Time) (15)
TSLSU
—
25
83
ns
Falling Edge of SCLK to SI (Required Hold Time) (15)
TSI(HOLD)
—
25
83
ns
SO Rise Time (CL=200pF)
TrSO
—
25
50
ns
SO Fall Time (CL=200pF)
TfSO
—
25
50
ns
SI, CS, SCLK, Incoming Signal Rise Time (16)
TrSI
—
—
50
ns
SI, CS, SCLK, Incoming Signal Fall Time (16)
TfSI
—
—
50
ns
Falling Edge of RST to Rising Edge of RST (Required Setup Time)(15)
TwRST
—
—
3.0
µs
14.
Rising Edge of CS to Falling Edge of CS (Required Setup
Time)(15) (20)
T CS
—
—
5.0
µs
Rising Edge of RST to Falling Edge of CS (Required Setup Time)(15)
TEN
—
—
5.0
µs
Time from Falling Edge of CS to SO Low Impedance (17)
TSO(EN)
—
—
145
ns
Time from Rising Edge of CS to SO High Impedance (18)
TSO(DIS)
—
1.3
4.0
µs
Time from Rising Edge of SCLK to SO Data Valid (19)
0.2 VDD < = SO> = 0.8 VDD, CL = 200 pF
TVALID
—
65
105
ns
Notes
15.
The maximum setup time that is specified for the 33991 is the minimum time needed from the micro controller to guarantee correct
operation.
16.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
17.
Time required for output status data to be available for use at SO. 1 K Ohm load on SO
18.
Time required for output status data to be terminated at SO. 1 K Ohm load on SO.
19.
Time required to obtain valid data out from SO following the rise of SCLK.
20.
This value is for a 1 MHz calibrated internal clock; it will change proportionally as the internal clock frequency changes.
The device shall meet all SPI interface-timing requirements specified in the SPI Interface Timing, over the temperature range
specified in the environmental requirements section. Digital Interface timing is based on a symmetrical 50% duty cycle SCLK
Clock Period of 333 ns. The device shall be fully functional for slower clock speeds.
Table 3. Static Electrical Characteristics (continued)
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40°C < TJ < 150°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com