Electronic Components Datasheet Search
  English  ▼

X  

33991 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33991
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33991 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33991 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33991
TIMING DESCRIPTIONS AND DIAGRAMS
COMMUNICATION MEMORY MAPS
combination is illustrated in Table 10. The default full step
time is 21.25 ms (0101). If there are two full steps per degree
of pointer movement, the pointer speed is: 1/(FS
×2)°.
Bit D4 determines the provided blanking time immediately
following a full step change, and before enabling the
integration of the non-driven coil signal. The blanking time is
either 512 µs, when D4 is logic [0], or 768 µs when D4 is logic
[1].
Detecting pointer movement is accomplished by
integrating the back EMF present in the non-driven coil during
the RTZ event. The integration circuitry is implemented using
a Sigma-Delta converter resulting in a representative value in
the 15-bit RTZ accumulator at the end of each full step. The
value in the RTZ accumulator represents the change in flux
and is compared to a threshold. Values above the threshold
indicate a pointer is moving. Values below the threshold
indicate a stalled pointer, thereby resulting in the cessation of
the RTZ event.
The RTZ accumulator bits are signed and represented in
two’s complement. If the RTZR D3:D2 bits were written as 10
or 11, the ST14 bit corresponds to bit D14 of the RTZ
accumulator, the sign bit. After a full step of integration, a sign
bit of 0 is the indicator of an accumulator exceeding the
decision threshold of 0, and the pointer is assumed to still be
moving. Similarly, if the sign bit is logic [1] after a full step of
integration, the accumulator value is negative and the pointer
is assumed to be stopped. The integrator and accumulator
are initialized after each full step.
Accurate pointer stall detection depends on a correctly
preloaded accumulator for specific gauge, pointer, and full
step combinations. Bits D12:D5 are used to offset the initial
RTZ accumulator value, properly detecting a stalled motor.
The initial accumulator value at the start of a full step of
integration is negative. If the accumulator was correctly
preloaded, a free moving pointer will result in a positive value
at the end of the integration time. A stalled pointer results in
a negative value. The preloaded values associated with each
combination of bits D12:D5 are illustrated in Table 11. The
accumulator should be loaded with a negative value resulting
in a transition of the accumulator MSB to a logic [1] when the
motor is stalled. After a power-up, or any reset in the Default
mode, the 33991 device sets the accumulator value to -1,
resulting in an unconditional RTZ pointer movement.
These bits are write-only.
RC12:RC5— These bits determine the preloaded value
into the RTZ integration accumulator to adjust the detection
threshold.
Values range from -1 (00000000) to -4081 (11111111)
provided in Table 11.
RC4—This bit determines the RTZ blanking time.
• 0 = 512 µs
• 1 = 768 µs
RC3:RC0— These bits determine the full step time during
an RTZ event, determining the pointer moving rate. Step
times range from 4.86 ms (0000) to 62.21ms (1111). Those
are illustrated in Table 10. The default time is 21.25 ms
(0101).
Table 12. RTZCR SI Register Assignment
Address: 101
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Write
RC12
RC11
RC10
RC9
RC8
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
Table 13. RTZCR Full Step Time
RC3
RC2
RC1
RC0
Full Step Time (ms)
0
0
0
0
4.86
0
0
0
1
4.86
0
0
1
0
8.96
0
0
1
1
13.06
0
1
0
0
17.15
0
1
0
1
21.25
0
1
1
0
25.34
0
1
1
1
29.44
1
0
0
0
33.54
1
0
0
1
37.63
1
0
1
0
41.73
1
0
1
1
45.82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com