Electronic Components Datasheet Search
  English  ▼

X  

33991 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33991
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33991 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33991 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33991
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT AND CLOCK TIMINGS
SIN, COS Output Turn ON delay Time (time from rising CS enabling
outputs to steady state coil voltages and currents) (12)
TDHY(ON)
—
—
1.0
mS
SIN, COS Output Turn OFF delay Time (time from rising CS disables
outputs to steady state coil voltages and currents) (12)
TDHY(OFF)
—
—
1.0
mS
Uncalibrated Oscillator Cycle Time
TCLU
0.65
1.0
1.7
µS
Calibrated Oscillator Cycle Time (Cal pulse = 8 µs, PECR D4 is logic 0)
TCLC
1.0
1.1
1.2
µS
Calibrated Oscillator Cycle Time (Cal pulse = 8 µs, PECR D4 is logic 1)
TCLC
0.9
1.0
1.1
µS
Maximum Pointer Speed (13)
VMAX
—
—
400
°C
Maximum Pointer Acceleration (13)
AMAX
—
—
4500
°C2
Notes
12.
Maximum specified time for the 33991 is the minimum guaranteed time needed from the micro.
13.
The minimum and maximum value will vary proportionally to the internal clock tolerance. These are not 100 percent tested.
Table 3. Static Electrical Characteristics (continued)
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40°C < TJ < 150°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com