Electronic Components Datasheet Search
  English  ▼

X  

33991 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33991
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33991 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33991 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33991
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. 33991 Maximum Ratings
(All voltages are with respect to ground unless otherwise noted)
Rating
Symbol
Value
Limit
Power Supply Voltage
Steady State
VPWR(SUS)
-0.3 to 41
V
Input Pin Voltage (1)
VIN
-0.3 to 7.0
V
SIN+/- COS +/- Continuous Per Output Current (2)
IOUTMAX
40
mA
Storage Temperature
TSTG
-55 to 150
°C
Operating Junction Temperature
TJUNC
-40 to 150
°C
Thermal Resistance (C/W)
Ambient
Junction to Lead
θ
JA
θ
JL
60
20
°C/W
°C/W
ESD Voltage (3)
Human Body Model
Machine Model
VESD1
VESD2
±2000
±200
V
V
Peak Package Reflow Temperature During Reflow (4), (5)
TPPRT
Note 5
°C
Notes
1.
Exceeding voltage limits on Input pins may cause permanent damage to the device.
2.
Output continuous output rating so long as maximum junction temperature is not exceeded. Operation at 125°C ambient temperature
will require maximum output current computation using package thermal resistances
3.
VESD1 testing is performed in accordance with the Human Body Model (Czap = 100pF, Rzap = 1500
Ω), All pins are capable of Human
Body Model RSP voltages of ±2000 V with one exception. The SO pin is capable of ± 1900 V, VESD2 testing is performed in accordance
with the Machine Model (Czap = 200pF, Rzap = 0
Ω)
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
5.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com