Electronic Components Datasheet Search
  English  ▼

X  

33991 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33991
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33991 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33991 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33991 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33991
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUTS
Microstep Output (measured across coil outputs)
Sin0,1, ± (Cos0,1, ±) (see 33991 Pinout)
Rout = 200
Ω
steps 6,18 (0,12)
steps 5, 7, 17,19 (1,11,13, 23)
steps 4, 8.16, 20 (2,10,14, 22)
steps 3, 9,15, 21 (3, 9,15, 21)
steps 2,10,14, 22 (4, 8,16, 20)
steps 1,11,13, 23 (5, 7,17,19)
steps 0,12 (6,18)
VST6
VST5
VST4
VST3
VST2
VST1
VST0
4.9
0.94XVST6
0.84XVST6
0.69XVST6
0.47XVST6
0.23XVST6
-0.1
5.3
0.97XVST6
0.87XVST6
0.71XVST6
0.50XVST6
0.26XVST6
0
6.0
1.00XVST6
0.94XVST6
0.79XVST6
0.57XVST6
0.31XVST6
0.1
V
Full step Active Output (measured across coil outputs)
Sin0,1, ± (Cos0,1, ±) (see Figure 4)
steps 1, 3 (0, 2)
VFS
4.9
5.3
6.0
V
Microstep, Full Step Output (measured from coil low side to ground)
Sin0,1, ± (Cos0,1, ±) IOUT = 30mA
VLS
0
0.1
0.3
V
Output Flyback Clamp (8)
VFB
—
VST1+0.5
VST1+1.0
V
Output Current Limit (Out = VSTP6)
ILIM
40
100
170
mA
Over temperature Shutdown
OTSD
155
—
180
°C
Over temperature Hysteresis (8)
OTHYST
8
—
16
°C
Notes
8.
Not 100 percent tested.
Table 3. Static Electrical Characteristics (continued)
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40°C < TJ < 150°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com