Electronic Components Datasheet Search
  English  ▼

X  

34702 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 34702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34702 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 34702 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34702 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
34702
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Figure 24. Voltage Margining Programming
(One Supply Only)
Note: x bits, which set the voltage margining value are
defined in Table 8.
WATCHDOG PROGRAMMING OPERATION
For watchdog operation control, the master periodically
sends a watchdog first command followed by a command
byte selecting, or confirming, the watchdog period according
to the options listed in Table 8. See Figure 25 for the
watchdog timer programming command example.
The internal watchdog timer is turned ON by receiving a
valid Watchdog Programming command (after receiving the
Watchdog Programming First Command), and it is cleared
each time the next Watchdog Programming command is
written into the device, provided it arrives during the window
open time. Thus, the Watchdog Programming command
clears the timer and sets the new timing conditions at the
same time. The Watchdog Programming First Command
01100000 sent twice shuts the timer OFF, and the watchdog
function is disabled. Any other valid watchdog command
turns the timer ON again.
Figure 25. Watchdog Timer Programming
Note: x bits, which set the watchdog timer value are
defined in Table 8, page 27.
Communication Stop
Only the master can terminate the data transfer by issuing
a STOP condition. The slave waits for this condition to
resume its initial state waiting for the next START condition
(see Figure 26).
COMPLETE DATA TRANSFER EXAMPLES
The master device controlling the I2C bus always starts
addressing a 34702 slave IC in writing mode (R/W = 0) to
enable it to write a Command Byte just after receiving the
address acknowledge sent by 34702. I2C bus protocol
defines this circumstance as a master-transmitter and slave-
receiver configuration.
Figure 27 illustrates a communication beginning with the
slave address, the first command for voltage margining, and
a third byte containing the address field 001 and the value
field 00101 corresponding with the LDO fifth setting (LDO
output voltage = +5% above its nominal value). If a
simultaneous setting for switcher is needed, a fourth byte
should be included before the STOP condition (P); for
instance, 001 11100 to set the switcher in its twelfth setting
(switcher output voltage = -5% below its nominal value) - see
Figure 28.
The example of data transfer setting the Watchdog timer is
shown in the Figure 26.
Figure 26. Data Transfer Example - Watch Dog Timer
Setting.
Figure 27. Data Transfer Example - LDO Voltage
Margining
00
0 0 0 0 0
10
01
x
x
x
x
x
First Byte for Voltage Margining
Command Byte
Ack
01
0 0 0 0 0
11
01
x
x
x
x
x
First Byte for Watchdog Programming Command Byte
Ack
START
Slave Address
Write
First Command for Watchdog Programming
Address Field Value Field:
Time-out WD = 320 ms
STOP
P
Ack
A6
A4
A0
01
1
0
0
0Ack
00
Ack
011
0
1
0
0
1
S
A5
A3 A2 A1
0
(Window OFF)
START
Slave Address
Write
First Command for Voltage Margining
Address Field Value Field = LDO
5th Setting
STOP
P
Ack
A6
A4
A0
00
1
0
0
0Ack
00
Ack
0
0
10
0
1
01
S
A5
A3 A2 A1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com